Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD18535KTTT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD18535KTTT
Descripción Electrónicos  60 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18535KTTT Datasheet(HTML) 1 Page - Texas Instruments

  CSD18535KTTT Datasheet HTML 1Page - Texas Instruments CSD18535KTTT Datasheet HTML 2Page - Texas Instruments CSD18535KTTT Datasheet HTML 3Page - Texas Instruments CSD18535KTTT Datasheet HTML 4Page - Texas Instruments CSD18535KTTT Datasheet HTML 5Page - Texas Instruments CSD18535KTTT Datasheet HTML 6Page - Texas Instruments CSD18535KTTT Datasheet HTML 7Page - Texas Instruments CSD18535KTTT Datasheet HTML 8Page - Texas Instruments CSD18535KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Qg - Gate Charge (nC)
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 100 A
VDS = 30 V
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D007
TC = 25°C, I D = 100 A
TC = 125°C, I D = 100 A
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD18535KTT
SLPS589 – MARCH 2016
CSD18535KTT 60 V N-Channel NexFET™ Power MOSFET
1
1 Features
1
Ultralow Qg and Qgd
Low Thermal Resistance
Avalanche Rated
Pb-Free Terminal Plating
RoHS Compliant
Halogen Free
D2PAK Plastic Package
2 Applications
Secondary Side Synchronous Rectifier
Motor Control
3 Description
This 60-V, 1.6-m
Ω, D2PAK (TO-263) NexFET™
power MOSFET is designed to minimize losses in
power conversion applications.
SPACE
.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
60
V
Qg
Gate Charge Total (10 V)
63
nC
Qgd
Gate Charge Gate-to-Drain
10.4
nC
RDS(on)
Drain-to-Source On-Resistance
VGS = 4.5 V
2.3
m
VGS = 10 V
1.6
m
VGS(th)
Threshold Voltage
1.9
V
Ordering Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD18535KTT
500
13-Inch
Reel
D2PAK Plastic Package
Tape &
Reel
CSD18535KTTT
50
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
60
V
VGS
Gate-to-Source Voltage
±20
V
ID
Continuous Drain Current (Package limited)
200
A
Continuous Drain Current (Silicon limited),
TC = 25°C
279
A
Continuous Drain Current (Silicon limited),
TC = 100°C
197
A
IDM
Pulsed Drain Current (1)
400
A
PD
Power Dissipation
300
W
TJ,
Tstg
Operating Junction and
Storage Temperature
–55 to 175
°C
EAS
Avalanche Energy, Single Pulse
ID = 111 A, L = 0.1 mH, RG = 25 Ω
616
mJ
(1) Max RθJC = 0.5°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge


Número de pieza similar - CSD18535KTTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
CSD18535KTT ISC-CSD18535KTT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - CSD18535KTTT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18542KTT TI1-CSD18542KTT Datasheet
524Kb / 13P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFET
CSD18536KTT TI1-CSD18536KTT Datasheet
418Kb / 13P
[Old version datasheet]   60 V N-Channel NexFET Power MOSFET
CSD18535KCS TI-CSD18535KCS_15 Datasheet
338Kb / 11P
[Old version datasheet]   CSD18535KCS 60 V N-Channel NexFET Power MOSFET
CSD18536KCS TI-CSD18536KCS_15 Datasheet
454Kb / 11P
[Old version datasheet]   CSD18536KCS 60 V N-Channel NexFET Power MOSFET
CSD18543Q3A TI1-CSD18543Q3A Datasheet
409Kb / 13P
[Old version datasheet]   CSD18543Q3A 60-V N-Channel NexFET Power MOSFET
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com