Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA6861MZ Datasheet(PDF) 6 Page - Sanken electric

No. de pieza SMA6861MZ
Descripción Electrónicos  High Voltage 3-Phase Motor Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6861MZ Datasheet(HTML) 6 Page - Sanken electric

Back Button SMA6861MZ Datasheet HTML 2Page - Sanken electric SMA6861MZ Datasheet HTML 3Page - Sanken electric SMA6861MZ Datasheet HTML 4Page - Sanken electric SMA6861MZ Datasheet HTML 5Page - Sanken electric SMA6861MZ Datasheet HTML 6Page - Sanken electric SMA6861MZ Datasheet HTML 7Page - Sanken electric SMA6861MZ Datasheet HTML 8Page - Sanken electric SMA6861MZ Datasheet HTML 9Page - Sanken electric SMA6861MZ Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
SANKEN ELECTRIC CO., LTD.
High Voltage 3-Phase Motor Drivers
SMA6860MZ Series
SMA6860MZ-DS, Rev. 5
ELECTRICAL CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Logic Supply Current
ICC
VCC = 15 V, TC = –20°C to 125°C
2.7
5.0
mA
Bootstrap Supply Current
IBX
VBX = 15 V, VHIN = 5 V, TC = –20°C to 125°C
135
380
μA
Input Voltage
VIH
VCC = 15 V
2.9
3.4
V
VIL
VCC = 15 V
1.6
2.1
V
Input Voltage Hysteresis
VIhys
VCC = 15 V
0.8
V
Input Current
IIN
VIN = 5 V
230
500
μA
Undervoltage Lock Out
VUVHL
High side, between VBx and U, V, or W
9.0
10.0
11.0
V
VUVHH
9.5
10.5
11.5
V
VUVHhys
High side, hysteresis
0.5
V
VUVLL
Low side, between VCC2 and COM2
10.0
11.0
12.0
V
VUVLH
10.5
11.5
12.5
V
VUVLhys
Low side, hysteresis
0.5
V
¯S¯¯¯D¯¯x¯ and ¯O¯¯¯C¯¯L¯Output Voltage
VSDX(on),
VOCL
VSDX = VOCL = 5 V, RUPX = 3.3 kΩ
0.6
V
Overtemperature DetectionThreshold
Temperature (Activation and
Deactivation)
TDH
VCC = 15 V, high-side and low side
120
135
150
°C
TDL
100
115
130
°C
TDhys
–20–
°C
Overcurrent Protection Trip Voltage
VTRIP
VCC = 15 V
0.9
1.0
1.1
V
Overcurrent Limit Reference Voltage
VLIM
VCC = 15 V
0.5035
0.53
0.5565
V
Overcurrent Protection Hold Time
tp
VRC = 5 V, RR = 360 kΩ, CC = 0.0047 μF
2.0
ms
Blanking Time
tblank
VCC = 15 V
2.0
μs
Bootstrap Diode Leakage Current
ILBD
SMA6861MZ VR = 250 V
10
μA
SMA6862MZ VR = 500 V
10
μA
SMA6863MZ VR = 500 V
10
μA
SMA6864MZ VR = 250 V
10
μA
SMA6865MZ VR = 500 V
10
μA
Bootstrap Diode Forward Voltage
VFBD
IF = 0.05 A
0.8
1.3
V
Bootstrap Diode Recovery Time
trrb
IF / IRP = 100 mA / 100 mA
70
ns
Bootstrap Diode Series Resistor
RBD
168
210
252
Ω
MOSFET Breakdown Voltage
VDSS
SMA6861MZ
VCC = 15 V, ID = 100 μA, VIN = 0 V
250
V
SMA6862MZ
500
V
SMA6863MZ
500
V
SMA6864MZ
250
V
SMA6865MZ
500
V
MOSFET Leakage Current
IDSS
SMA6861MZ VCC = 15 V, VDS = 250 V, VIN = 0 V
100
μA
SMA6862MZ VCC = 15 V, VDS = 500 V, VIN = 0 V
100
μA
SMA6863MZ VCC = 15 V, VDS = 500 V, VIN = 0 V
100
μA
SMA6864MZ VCC = 15 V, VDS = 250 V, VIN = 0 V
100
μA
SMA6865MZ VCC = 15 V, VDS = 500 V, VIN = 0 V
100
μA
Continued on the next page…


Número de pieza similar - SMA6861MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SMA6861M SANKEN-SMA6861M Datasheet
241Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6861M SANKEN-SMA6861M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
More results

Descripción similar - SMA6861MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com