Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM36923YFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM36923YFFR
Descripción Electrónicos  Highly Efficient Triple-String White LED Driver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM36923YFFR Datasheet(HTML) 5 Page - Texas Instruments

  LM36923YFFR Datasheet HTML 1Page - Texas Instruments LM36923YFFR Datasheet HTML 2Page - Texas Instruments LM36923YFFR Datasheet HTML 3Page - Texas Instruments LM36923YFFR Datasheet HTML 4Page - Texas Instruments LM36923YFFR Datasheet HTML 5Page - Texas Instruments LM36923YFFR Datasheet HTML 6Page - Texas Instruments LM36923YFFR Datasheet HTML 7Page - Texas Instruments LM36923YFFR Datasheet HTML 8Page - Texas Instruments LM36923YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
LM36923H
www.ti.com
SNVSAF3A – FEBRUARY 2016 – REVISED FEBRUARY 2016
Product Folder Links: LM36923H
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
LED Current Matching between strings is given as the worst case matching between any two strings. Matching is calculated as ((ILEDX
ILEDY)/(ILEDX + ILEDY)) × 100.
6.5 Electrical Characteristics
Minimum and maximum limits apply over the full operating ambient temperature range (
−40°C ≤ TA ≤ 85°C), typical values
are at TA = 25°C, and VIN = 3.6 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST
IMATCH
(1)
LED current matching ILED1
to ILED2 to ILED3
50 µA
≤ ILED ≤ 25 mA, 2.7 V ≤ VIN ≤ 5 V (linear
or exponential mode)
–1%
0.1%
1%
Accuracy
Absolute accuracy (ILED1,
ILED2, ILED3)
50 µA
≤ ILED ≤ 25 mA, 2.7 V ≤ VIN ≤ 5 V (linear
or exponential mode)
–3%
0.1%
3%
ILED_MIN
Minimum LED current (per
string)
PWM or I2C current control (linear or
exponential mode)
50
µA
ILED_MAX
Maximum LED current (per
string)
25
mA
RDNL
IDAC ratio-metric DNL
exponential mode only
1/3
(0.3%)
LSB
VHR
Regulated current sink
headroom voltage
ILED = 25 mA
210
mV
ILED = 5 mA
100
VHR_MIN
Current sink minimum
headroom voltage
ILED = 95% of nominal, ILED = 5 mA
35
50
mV
Efficiency
Typical efficiency
VIN = 3.7 V, ILED = 5 mA/string, Typical
Application circuit (3x7 LEDs), (POUT/PIN)
87%
RNMOS
NMOS switch on resistance ISW = 250 mA
0.29
Ω
ICL
NMOS switch current limit
2.7 V
≤ VIN ≤ 5 V
OCP = 00
575
750
875
mA
OCP = 01
860
1000
1110
OCP = 10
1100
1250
1400
OCP = 11
1350
1500
1650
VOVP
Output overvoltage
protection
ON threshold, 2.7 V
≤ VIN ≤ 5 V
OVP = 00
16
17
17.5
V
OVP = 01
23
24
25
OVP = 10
30
31
32
OVP = 11
37
38
39
OVP
Hysteresis
0.5
V
ƒSW
Switching frequency
2.7 V
≤ VIN ≤ 5 V, boost
frequency
shift = 0
Boost
frequency
select = 0
475
500
525
kHz
Boost
frequency
select = 1
950
1000
1050
DMAX
Maximum boost duty cycle
92%
94%
ISHDN
Shutdown current
Chip enable bit = 0, SDA = SCL = IN or GND,
2.7 V
≤ VIN ≤ 5 V
1.2
5
µA
TSD
Thermal shutdown
135
°C
Hysteresis
15
PWM INPUT
Min ƒPWM
50
Hz
Max ƒPWM
Sample rate = 24 MHz
50
kHz
tMIN_ON
Minimum pulse ON time
Sample rate = 24 MHz
183.3
ns
Sample rate = 4 MHz
1100
Sample rate = 800 kHz
5500
tMIN_OFF
Minimum pulse OFF time
Sample rate = 24 MHz
183.3
ns
Sample rate = 4 MHz
1100
Sample rate = 800 kHz
5500


Número de pieza similar - LM36923YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM36922 TI1-LM36922 Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922HYFFR TI1-LM36922HYFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922YFFR TI1-LM36922YFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
More results

Descripción similar - LM36923YFFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
   50V, 4-String White LED Driver
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
   50V, 8-String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com