Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM10W-NZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AM10W-NZ
Descripción Electrónicos  10 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10W-NZ Datasheet(HTML) 1 Page - AIMTEC

  AM10W-NZ Datasheet HTML 1Page - AIMTEC AM10W-NZ Datasheet HTML 2Page - AIMTEC AM10W-NZ Datasheet HTML 3Page - AIMTEC AM10W-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM10W-NZ
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
1 of 4
North America only
Picture coming soon
FEATURES:
• Super wide 10:1 Input range
• No minimum load required
• Extremely High Input range up to 1000VDC
High efficiency of up to 80%
• Operating temperature of -40 to +70°C
I/O Isolation of 4000VAC
• Over current and Over Voltage protection
Reversed connection protection
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output
Current max
(A)
Isolation
(VAC)
Max
Capacitive
Load(uF)
Efficiency
(200VDC) (%)
AM10W-60005S-NZ
100-1000
5
2
4000
6000
72
AM10W-60009S-NZ
100-1000
9
1.11
4000
4000
76
AM10W-60024S-NZ
100-1000
24
0.42
4000
470
80
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage range
100-1000
VDC
Input Current
200VDC
75
mA
600VDC
25
1000VDC
16
Inrush current <2ms
200VDC
7
A
600VDC
20
1000VDC
30
External fuse
Slow blow
1
A
Startup time
200-1000VDC
1
s
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
1 min
4000
VAC
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
±2
%
Line voltage regulation
LL-HL
±0.5
±1
% of Vin
Load voltage regulation
0-100% load
±0.5
±1
%
Over voltage protection
Zener diode clamp
Over current protection
110
% of Iout
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
100
200
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
75
KHz
Operating temperature
With derating
-40 to 70
°C
Storage temperature
-40 to 105
°C
Maximum case temperature
95
°C
Cooling
Natural convection
Humidity
95
% RH
Case material
Black plastic (UL94-V0)


Número de pieza similar - AM10W-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM10WM-80005S-NZ AIMTEC-AM10WM-80005S-NZ Datasheet
552Kb / 4P
   DC-DC Converter
AM10WM-NZ AIMTEC-AM10WM-NZ Datasheet
552Kb / 4P
   DC-DC Converter
More results

Descripción similar - AM10W-NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z Datasheet
172Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-NZ AIMTEC-AM10EW-NZ Datasheet
331Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com