Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8283 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8283
Descripción Electrónicos  6-Channel LNA/PGA/AAF with ADC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8283 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8283_15 Datasheet HTML 6Page - Analog Devices AD8283_15 Datasheet HTML 7Page - Analog Devices AD8283_15 Datasheet HTML 8Page - Analog Devices AD8283_15 Datasheet HTML 9Page - Analog Devices AD8283_15 Datasheet HTML 10Page - Analog Devices AD8283_15 Datasheet HTML 11Page - Analog Devices AD8283_15 Datasheet HTML 12Page - Analog Devices AD8283_15 Datasheet HTML 13Page - Analog Devices AD8283_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 10 of 27
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3.3 V, 1.8 V, TA = 25°C, FS = 72 MSPS, RIN =200 kΩ, VREF = 1.0 V.
–40
–30
–20
–10
0
10
20
30
40
50
0.1
1
10
100
FREQUENCY (MHz)
34dB
28dB
22dB
16dB
Figure 4. Channel Gain vs. Frequency
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
–15
10
35
60
85
TEMPERATURE (°C)
34dB
28dB
22dB
16dB
Figure 5. Gain Error vs. Temperature at All Gains
(dB)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
16.00
16.08
16.16
16.24
16.32
16.4
16.48
16.56
16.64
16.72
16.8
16.88
16.96
Figure 6. Gain Error Histogram (Gain = 16 dB)
(LSB)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
33.50
33.58
33.66
33.74
33.82
33.90
33.98
34.06
34.14
34.22
34.30
34.38
34.46
Figure 7. Gain Error Histogram (Gain = 34 dB)
(dB)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
0.21
0.22
0.23
0.24
0.25
Figure 8. Channel-to-Channel Gain Matching (Gain = 16 dB)
0
1
2
3
4
5
6
7
8
9
10
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
0.21
0.22
0.23
0.24
0.25
(dB)
Figure 9. Channel-to-Channel Gain Matching (Gain = 34 dB)


Número de pieza similar - AD8283_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
More results

Descripción similar - AD8283_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
AD8283 AD-AD8283 Datasheet
578Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
AD8285 AD-AD8285 Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8285 AD-AD8285_17 Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com