Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXL363BCCZ-RL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADXL363BCCZ-RL
Descripción Electrónicos  Micropower 3-Sensor Combination Including Acceleration and Temperature
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXL363BCCZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXL363BCCZ-RL Datasheet HTML 5Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 6Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 7Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 8Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 9Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 10Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 11Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 12Page - Analog Devices ADXL363BCCZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Data Sheet
ADXL363
Rev. 0 | Page 9 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Accelerometer X-Axis Zero g Offset at 25°C, VS = 2 V
Figure 5. Accelerometer Y-Axis Zero g Offset at 25°C, VS = 2 V
Figure 6. Accelerometer Z-Axis Zero g Offset at 25°C, VS = 2 V
Figure 7. Accelerometer X-Axis Scale Factor at 25°C, VS = 2 V, ±2 g Range
Figure 8. Accelerometer Y-Axis Scale Factor at 25°C, VS = 2 V, ±2 g Range
Figure 9. Accelerometer Z-Axis Scale Factor at 25°C, VS = 2 V, ±2 g Range
25
20
15
10
5
0
–80 –70 –60 –50 –40 –30 –20 –10 0
10 20 30 40 50 60 70 80
ZERO g OFFSET (mg)
–80 –70 –60 –50 –40 –30 –20 –10 0
10 20 30 40 50 60 70 80
ZERO g OFFSET (mg)
0
5
10
15
20
25
30
ZERO g OFFSET (mg)
0
2
4
6
8
10
12
14
16
18
20
–170
–140
–110
–80
–50
–20
10
40
70
100
40
35
30
25
20
15
10
5
0
SENSITIVITY (mg/LSB)
930
950
970
990 1010 1030 1050 1070 1090 1110 1130
50
45
40
35
30
25
20
15
10
5
0
SENSITIVITY (mg/LSB)
930
950
970
990 1010 1030 1050 1070 1090 1110 1130
60
45
50
55
40
35
30
25
20
15
10
5
0
SENSITIVITY (mg/LSB)
930
950
970
990 1010 1030 1050 1070 1090 1110 1130


Número de pieza similar - ADXL363BCCZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
   Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
ADXL362 AD-ADXL362 Datasheet
261Kb / 6P
   Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
ADXL362BCCZ-R2 AD-ADXL362BCCZ-R2 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL AD-ADXL362BCCZ-RL Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL7 AD-ADXL362BCCZ-RL7 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
More results

Descripción similar - ADXL363BCCZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HOKURIKU ELECTRIC INDUS...
HAAM-346A HOKURIKU-HAAM-346A Datasheet
122Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
HAAM-346B HOKURIKU-HAAM-346B Datasheet
121Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
logo
Pepperl+Fuchs Inc.
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
logo
HOKURIKU ELECTRIC INDUS...
HAAM-375 HOKURIKU-HAAM-375 Datasheet
130Kb / 2P
   Digital Output Type 3-axis Acceleration Sensor
logo
SignalQuest, Inc.
SQ-ASX SIGNALQUEST-SQ-ASX Datasheet
754Kb / 8P
   ON/OFF SHOCK AND ACCELERATION SENSOR
logo
List of Unclassifed Man...
SENACC-010 ETC2-SENACC-010 Datasheet
150Kb / 3P
   Acceleration Sensor - SENACC
logo
Bosch Sensortec GmbH
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com