Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27761DSGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM27761DSGR
Descripción Electrónicos  Low-Noise Regulated Switched-Capacitor Voltage Inverter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM27761DSGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM27761DSGR Datasheet HTML 6Page - Texas Instruments LM27761DSGR Datasheet HTML 7Page - Texas Instruments LM27761DSGR Datasheet HTML 8Page - Texas Instruments LM27761DSGR Datasheet HTML 9Page - Texas Instruments LM27761DSGR Datasheet HTML 10Page - Texas Instruments LM27761DSGR Datasheet HTML 11Page - Texas Instruments LM27761DSGR Datasheet HTML 12Page - Texas Instruments LM27761DSGR Datasheet HTML 13Page - Texas Instruments LM27761DSGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
LM27761
SNVSA85B – OCTOBER 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM27761
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Undervoltage Lockout
The LM27761 has an internal comparator that monitors the voltage at VIN and forces the device into shutdown if
the input voltage drops to 2.4 V. If the input voltage rises above 2.6 V, the LM27761 resumes normal operation.
7.3.2 Input Current Limit
The LM27761 contains current limit circuitry that protects the device in the event of excessive input current
and/or output shorts to ground. The input current is limited to 500 mA (typical) when the output is shorted directly
to ground. When the LM27761 is current limiting, power dissipation in the device is likely to be quite high. In this
event, thermal cycling is expected.
7.3.3 PFM Operation
To minimize quiescent current during light load operation, the LM27761 allows PFM or pulse-skipping operation.
By allowing the charge pump to switch less when the output current is low, the quiescent current drawn from the
power source is minimized. The frequency of pulsed operation is not limited and can drop into the sub-2-kHz
range when unloaded. As the load increases, the frequency of pulsing increases until it transitions to constant
frequency. The fundamental switching frequency in the LM27761 is 2 MHz.
7.3.4 Output Discharge
In shutdown, the LM27761 actively pulls down on the output of the device until the output voltage reaches GND.
In this mode, the current drawn from the output is approximately 1.85 mA.
7.3.5 Thermal Shutdown
The LM27761 implements a thermal shutdown mechanism to protect the device from damage due to
overheating. When the junction temperature rises to 150°C (typical), the device switches into shutdown mode.
The LM27761 releases thermal shutdown when the junction temperature is reduced to 130°C (typical).
Thermal shutdown is most often triggered by self-heating, which occurs when there is excessive power
dissipation in the device and/or insufficient thermal dissipation. The LM27761 device power dissipation increases
with increased output current and input voltage. When self-heating brings on thermal shutdown, thermal cycling
is the typical result. Thermal cycling is the repeating process where the part self-heats, enters thermal shutdown
(where internal power dissipation is practically zero), cools, turns on, and then heats up again to the thermal
shutdown threshold. Thermal cycling is recognized by a pulsing output voltage and can be stopped by reducing
the internal power dissipation (reduce input voltage and/or output current) or the ambient temperature. If thermal
cycling occurs under desired operating conditions, thermal dissipation performance must be improved to
accommodate the power dissipation of the device.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
An enable pin (EN) pin is available to disable the device and place the LM27761 into shutdown mode reducing
the quiescent current to 7 µA. In shutdown, the output of the LM27761 is pulled to ground by an internal pullup
current source (approximately 1.85 mA).
7.4.2 Enable Mode
Applying a voltage greater than 1.2 V to the EN pin brings the device into enable mode. When unloaded, the
input current during operation is 370 µA. As the load current increases, so does the quiescent current. When
enabled, the output voltage is equal to the inverse of the input voltage minus the voltage drop across the charge
pump.


Número de pieza similar - LM27761DSGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results

Descripción similar - LM27761DSGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
[Old version datasheet]   LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com