Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M02015 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

No. de pieza M02015
Descripción Electrónicos  Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02015 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M02015 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
M02015
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
6
Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
Optic Networks up to 2.5 Gbps
Rev V6
1.4
AC Characteristics
Table 1-4.
AC Characteristics
Symbol
Parameter
Condition
Min.
Typ.(1)
Max.
Units
ROUT
Output impedance (single ended)
30
50
70
Ω
LFC
Low frequency cutoff (3)
––
35
50
kHz
VD
Differential output voltage
100
Ω differential load
250
425
mV
DCD
Duty Cycle Distortion
2.125 Gbps
50
ps
2.5 Gbps
60
DJ
Deterministic Jitter (includes DCD)
2.125 Gbps, 27 - 1 PRBS
60
psPP
2.5 Gbps, 223 - 1 PRBS
70
PDJ
Pattern Dependant Jitter (at crossing
point) with no DCD
2.125 Gbps, 27 - 1 PRBS
29
psPP
2.5 Gbps, 223 - 1 PRBS
34
In_rms
Total input RMS noise
DC to 1.59 GHz (Bessel Filter),
Cin = 0.5 pf
–280
nA
DC to 1.87 GHz (Bessel Filter),
Cin = 0.5 pf
290
360
PIN_mean_min
Minimum Input Optical Sensitivity(2)
2.125 Gbps, BER < 10-10
–-26.2
dBm
2.125 Gbps, BER < 10-12
–-25.7
2.5 Gbps, BER < 10-10
–-26.0
Imon_off
Monitor Output Offset
8
µA
Imon_error
Monitor Output Accuracy(4)
VMON = 0 to 2V
±1.75
dB
NOTES:
1.
Die designed to operate over an ambient temperature range of -40°C to +95°C, TA and VCC range from 3.0 - 3.6V. Typical values are tested at TA =25° C
and VCC =3.3V.
2.
At stated data rate and BER. PD capacitance = 0.5 pF, Responsivity = 0.9 A/W, Extinction Ratio = 10, Temp = 25°C.
3.
-26 dBm, Extinction Ratio = 10, Temp = 25°C.
4.
After offset removed.


Número de pieza similar - M02015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
More results

Descripción similar - M02015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
02015-DSH-001-G MA-COM-02015-DSH-001-G Datasheet
382Kb / 21P
   Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02016-DSH-001-G MA-COM-02016-DSH-001-G Datasheet
323Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
   AGC TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com