Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M02097-11 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

No. de pieza M02097-11
Descripción Electrónicos  3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02097-11 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M02097-11 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02097-11 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02097-11 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02097-11 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02097-11 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02097-11 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02097-11 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02097-11 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02097-11 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Product Specification
02097-DSH-001-C
Mindspeed Technologies
®
8
Preliiminary Information/Mindspeed Proprietary and Confidential
Figure 1-2.
M02097 Safety Logic Timing Characteristics
Low
“OK”
Low
HOT PLUG (DIS Low)
t_init < 5 ms
(3 ms typ.)
Supply
(1)
FAIL
DIS
LED
Output
Low
3.3V
Low
SLOW RAMPING 3.3V Operation (DIS Low)
3.3V
t_init < 5 ms
(3 ms typ.)
VCC
FAIL
DIS
LED
Output
VCC3
Low
5V
Low
SLOW RAMPING 5V Operation (DIS Low)
3.3V
t_init < 5 ms
(3 ms typ.)
VCC
FAIL
DIS
LED
Output
VCC3
Low
“OK”
FAIL
DIS
Low
LED
Output
High
TRANSMITTER ENABLE
t_on < 1 ms
(300
µs typ.)
Supply
(1)
Low
“OK”
Low
High
TRANSMITTER DISABLE
FAIL
DIS
LED
Output
t_off < 10
µs
(1
µs typ.)
Supply
(1)
Low
Low
RESPONSE TO FAULT
Low
Normal
Fault Occurs
High
t_fault < 100
µs
(4
µs typ.)
FAIL
DIS
LED
Output
Fault sense
node such
as PBOUT
1.
Supply “OK” means both VCC and VCC3 are within their defined operating windows.
NOTE: “LED Output” is equivalent to pre-bias current plus modulation current.


Número de pieza similar - M02097-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
More results

Descripción similar - M02097-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com