Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3485Q1MM Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM3485Q1MM
Descripción Electrónicos  Hysteretic PFET Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3485Q1MM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3485Q1MM Datasheet HTML 6Page - Texas Instruments LM3485Q1MM Datasheet HTML 7Page - Texas Instruments LM3485Q1MM Datasheet HTML 8Page - Texas Instruments LM3485Q1MM Datasheet HTML 9Page - Texas Instruments LM3485Q1MM Datasheet HTML 10Page - Texas Instruments LM3485Q1MM Datasheet HTML 11Page - Texas Instruments LM3485Q1MM Datasheet HTML 12Page - Texas Instruments LM3485Q1MM Datasheet HTML 13Page - Texas Instruments LM3485Q1MM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM3485
SNVS178H – JANUARY 2002 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM3485 is buck (step-down) DC-DC controller that uses a hysteretic control scheme. The comparator is
designed with approximately 10 mV of hysteresis. In response to the voltage at the FB pin, the gate drive
(PGATE pin) turns the external PFET on or off. When the inductor current is too high, the current limit protection
circuit engages and turns the PFET off for approximately 9 µs.
Hysteretic control does not require an internal oscillator. Switching frequency depends on the external
components and operating conditions. Operating frequency reduces at light loads resulting in excellent efficiency
compared to other architectures.
Two external resistors can easily program the output voltage. The output can be set in a wide range from
1.242-V (typical) to VIN.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Hysteretic Control Circuit
The LM3485 uses a comparator-based voltage control loop. The feedback is compared to a 1.242-V reference,
and a 10-mV hysteresis is designed into the comparator to ensure noise free operation.
When the FB input to the comparator falls below the reference voltage, the output of the comparator moves to a
low state. This results in the driver output, PGATE, pulling the gate of the PFET low and turning on the PFET.
With the PFET on, the input supply charges Cout and supplies current to the load via the series path through the
PFET and the inductor. Current through the Inductor ramps up linearly and the output voltage increases. As the
FB voltage reaches the upper threshold, which is the internal reference voltage plus 10 mV, the output of the
comparator changes from low to high, and the PGATE responds by turning the PFET off. As the PFET turns off,
the inductor voltage reverses, the catch diode turns on, and the current through the inductor ramps down. Then,
as the output voltage reaches the internal reference voltage again, the next cycle starts.
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LM3485


Número de pieza similar - LM3485Q1MM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3485Q1MM TI-LM3485Q1MM Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485Q1MM-NOPB TI-LM3485Q1MM-NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485Q1MMX TI-LM3485Q1MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485Q1MMX-NOPB TI-LM3485Q1MMX-NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

Descripción similar - LM3485Q1MM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com