Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDBFR0230-HF Datasheet(PDF) 4 Page - Comchip Technology

No. de pieza CDBFR0230-HF
Descripción Electrónicos  SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBFR0230-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBFR0230-HF Datasheet HTML 1Page - Comchip Technology CDBFR0230-HF Datasheet HTML 2Page - Comchip Technology CDBFR0230-HF Datasheet HTML 3Page - Comchip Technology CDBFR0230-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Schottky Barrier Diode
Page 4
REV:B
QW-G1067
Comchip Technology CO., LTD.
Suggested PAD Layout
Marking Code
B5
Part Number
CDBFR0230-HF
Marking Code
B5
SIZE
(inch)
0.079
(mm)
2.00
0.70
1.30
0.028
0.051
1005/SOD-323F
2.70
0.106
E
1.30
0.051
A
B
C
D
A
C
B
E
D
Standard Packaging
Case Type
Qty per Reel
(Pcs)
4,000
1005/SOD-323F
Reel Size
(inch)
7
Company reserves the right to improve product design , functions and reliability without notice.


Número de pieza similar - CDBFR0230-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBFR0230 COMCHIP-CDBFR0230 Datasheet
76Kb / 2P
   SMD Schottky Barrier Diode
CDBFR0230L COMCHIP-CDBFR0230L Datasheet
71Kb / 2P
   SMD Schottky Barrier Diode
CDBFR0230L-HF COMCHIP-CDBFR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0230R-HF COMCHIP-CDBFR0230R-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
More results

Descripción similar - CDBFR0230-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com