Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC62D902FG Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TC62D902FG
Descripción Electrónicos  Offline Isolated AC/DC Flyback LED Controller built-in PFC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC62D902FG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC62D902FG Datasheet HTML 2Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 3Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 4Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 5Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 6Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 7Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 8Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 9Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TC62D902FG
2014-10-01
6
10. Electrical Characteristics (Unless otherwise noted, Ta = -40~85 °C, VCC=15V)
Characteristics
Symbol
Test Circuit
Test Conditions
Min Typ. Max Unit
<VCC part>
Maxi mu m oper atin g voltage
VCC(MAX)
-
-
25
V
S ta r t - u p
cu r r e n t
IINST
VIN=10V, CVCC=10μF
-
10
15
μA
Ope r a t i n g s u ppl y c u r r e n t
ICC
BLDR=OFF, GATE=OFF
-
1.7
2.5
mA
Z ener d i o d e c l a m p v o l t a g e
VZ
Ta = 25°C, Iz = 5 mA
29
-
-
V
UVLO release threshold voltage
VUVLO(REL)
VCC rising
11
12
13
V
UVLO operation threshold voltage
VUVLO(OPE)
VCC falling
6.5
7.5
8.5
V
<VIN part>
I n p u t v o l t ag e r an g e
VIN
0
-
1.8
V
VI N - O V D t h r e sh o l d v o l t a g e
VVIN-OVD
1.85 2.10 2.35
V
Conduction angle detection voltage
VANG_DET
0.10 0.14 0.18
V
<BLDR part>
B L D R t e rm i n a l o ff v ol t a g e
VBLDR
0.22 0.28 0.34
V
BLDR terminal source resistance
RBLDRH
IBLDR=-5mA
-
300
-
Ω
BLDR terminal sink resistance
RBLDRL
IBLDR=+5mA
-
300
-
Ω
BLDR terminal output voltage
VBLDR
-
Vcc
-
V
<VSEN part>
I np u t l ea k a g e c u r r ent IIN(Vsen)
VSENSE = 2 V
-
-
1
μA
V a l l e y de te c ti o n v o l ta g e VVMS
0.10 0.14 0.18
V
OO D t h r e sh ol d v o l t a g e VOOD
1.85 2.10 2.35
V
OS D t h r e s h o l d v o l t a g e VOSD
0.10 0.14 0.18
V
<GATE part>
G ATE terminal sauce resistance RGATEH
IGATE=-10mA
-
30
-
Ω
G AT E t er m i na l s i nk r es i s t a n c e RGATEL
IGATE=+10mA
-
20
-
Ω
G A T E t er m i na l r i s e t i m e trGATE
CL=330pF,10% to 90%,
Ta=25°C
-
50
-
ns
G A T E t e r mi n a l f a l l t i me tfGATE
CL=330pF,90% to 10%,
Ta=25°C
-
30
-
ns
M a xi mu m o p er a ti ng f r equ en c y fSW(MAX)
200
-
-
kHz
G A T E te r m i n al o
u tp u t v o l t a g e VGATE
-
Vcc
-
V
<ISEN part>
OC D th r e s h o l d v o l ta g e VOCD
1.85 2.10 2.35
V
IO D th r e s h o l d v o l ta g e VIOD
1.85 2.10 2.35
V
S W O D t h r e sh ol d v ol t a g e VSWOD
0.10 0.14 0.18
V
B l a n k in g
t im e tBLANK
Ta=25°C
0.2
0.3
0.4
μs
<OTD part>
OT D ope r a t i on t e m pe r a t u r e TOTD
Temperature rising
-
140
-
°
C
OT D hy s t er es i s t em p er a t u r e TOTD(HYS)
Temperature falling
-
20
-
°
C


Número de pieza similar - TC62D902FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
TC62D722CFG MARKTECH-TC62D722CFG Datasheet
771Kb / 43P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D722CFG TOSHIBA-TC62D722CFG Datasheet
771Kb / 43P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
logo
Marktech Corporate
TC62D722CFG MARKTECH-TC62D722CFG_15 Datasheet
771Kb / 43P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D722CFNG TOSHIBA-TC62D722CFNG Datasheet
771Kb / 43P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D723FG TOSHIBA-TC62D723FG Datasheet
715Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
More results

Descripción similar - TC62D902FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
   Non-isolated Offline LED Controller with Active PFC
MP4051 MPS-MP4051 Datasheet
600Kb / 16P
   Non-isolated Solution Offline LED Controller with Active PFC
logo
MPS Industries, Inc.
P3799 MPSIND-P3799 Datasheet
499Kb / 2P
   OFFLINE ISOLATED FLYBACK TRANSFORMERS
logo
Monolithic Power System...
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
   TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
logo
Linear Technology
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
   Offline Isolated Flyback Converter
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com