Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25122QPWPRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM25122QPWPRQ1
Descripción Electrónicos  Wide-Input Synchronous Boost Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM25122QPWPRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25122QPWPRQ1 Datasheet HTML 3Page - Texas Instruments LM25122QPWPRQ1 Datasheet HTML 4Page - Texas Instruments LM25122QPWPRQ1 Datasheet HTML 5Page - Texas Instruments LM25122QPWPRQ1 Datasheet HTML 6Page - Texas Instruments LM25122QPWPRQ1 Datasheet HTML 7Page - Texas Instruments LM25122QPWPRQ1 Datasheet HTML 8Page - Texas Instruments LM25122QPWPRQ1 Datasheet HTML 9Page - Texas Instruments LM25122QPWPRQ1 Datasheet HTML 10Page - Texas Instruments LM25122QPWPRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
LM25122-Q1
www.ti.com
SNVSAF0A – DECEMBER 2015 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
Unless otherwise specified, these specifications apply for –40°C
≤ TJ ≤ +125°C, VVIN = 12 V, VVCC = 8.3 V, RT = 20 kΩ, no
load on LO and HO. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Synchronization selection
OPT rising
2.0
3.0
4.0
V
threshold
SLOPE COMPENSATION
SLOPE output voltage
1.17
1.20
1.23
V
RSLOPE = 20 kΩ, fSW = 100 kHz, 50%
1.375
1.650
1.925
V
duty cycle, TJ = –40ºC to +125ºC
VSLOPE
Slope compensation amplitude
RSLOPE= 20 kΩ, fSW= 100 kHz, 50% duty
1.400
1.650
1.900
V
cycle, TJ = 25ºC
SOFT-START
ISS-SOURCE SS current source
VSS = 0 V
7.5
10
12
µA
SS discharge switch RDS-ON
13
Ω
PWM COMPARATOR
VVCC = 5.5 V
330
400
ns
tLO-OFF
Forced LO off-time
VVCC = 4.5 V
560
750
ns
RSLOPE = 20 kΩ
150
ns
tON-MIN
Minimum LO on-time
RSLOPE = 200 kΩ
300
ns
TJ = –40ºC to +125ºC
0.95
1.10
1.25
V
COMP to PWM voltage drop
TJ = 25ºC
1.00
1.10
1.20
V
CURRENT SENSE / CYCLE-BY-CYCLE CURRENT LIMIT
CSP to CSN, TJ = –40ºC to +125ºC
65.5
75.0
87.5
mV
Cycle-by-cycle current limit
VCS-TH1
threshold
CSP to CSN, TJ = 25ºC
67.0
75.0
86.0
mV
CSP to CSN, rising
7
mV
VCS-ZCD
Zero cross detection threshold
CSP to CSN, falling
0.5
6
12
mV
Current sense amplifier gain
10
V/V
ICSP
CSP input bias current
12
µA
ICSN
CSN input bias current
11
µA
Bias current matching
ICSP - ICSN
–1.75
1
3.75
µA
CS to LO delay
Current sense / current limit delay
150
ns
HICCUP MODE RESTART
VRES
Restart threshold
RES rising
1.15
1.20
1.25
V
RES rising
4.2
V
VHCP-
Hiccup counter upper threshold
RES rising,
UPPER
3.6
V
VVIN = VVCC = 4.5 V
RES falling
2.15
V
VHCP-
Hiccup counter lower threshold
RES falling,
LOWER
1.85
V
VVIN = VVCC = 4.5 V
IRES-
RES current source1
Fault-state charging current
20
30
40
µA
SOURCE1
IRES-SINK1
RES current sink1
Normal-state discharging current
5
µA
IRES-
RES current source2
Hiccup mode off-time charging current
10
µA
SOURCE2
IRES-SINK2
RES current sink2
Hiccup mode off-time discharging current
5
µA
Hiccup cycle
8
Cycles
RES discharge switch RDS-ON
40
Ω
Ratio of hiccup mode off-time to
122
restart delay time
HO GATE DRIVER
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25122-Q1


Número de pieza similar - LM25122QPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512A TI-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512A TI1-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512ASM NSC-LM2512ASM Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results

Descripción similar - LM25122QPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5122 TI-LM5122 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Exar Corporation
SP7606 EXAR-SP7606 Datasheet
931Kb / 17P
   Wide Input Voltage Boost Controller
logo
Texas Instruments
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com