Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP240G Datasheet(PDF) 7 Page - Toshiba Semiconductor

No. de pieza TLP240G
Descripción Electrónicos  OFF-state output terminal voltage - 350 V (min)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240G Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP240G Datasheet HTML 3Page - Toshiba Semiconductor TLP240G Datasheet HTML 4Page - Toshiba Semiconductor TLP240G Datasheet HTML 5Page - Toshiba Semiconductor TLP240G Datasheet HTML 6Page - Toshiba Semiconductor TLP240G Datasheet HTML 7Page - Toshiba Semiconductor TLP240G Datasheet HTML 8Page - Toshiba Semiconductor TLP240G Datasheet HTML 9Page - Toshiba Semiconductor TLP240G Datasheet HTML 10Page - Toshiba Semiconductor TLP240G Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLP240G,TLP240GF
7
15.
15.
15.
15. Soldering and Storage
Soldering and Storage
Soldering and Storage
Soldering and Storage
15.1.
15.1.
15.1.
15.1. Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
The soldering temperature should be controlled as closely as possible to the conditions shown below, irrespective
of whether a soldering iron or a reflow soldering method is used.
When using soldering reflow.
The soldering temperature profile is based on the package surface temperature.
(See the figure shown below, which is based on the package surface temperature.)
Reflow soldering must be performed once or twice.
The mounting should be completed with the interval from the first to the last mountings being 2 weeks.
Fig.
Fig.
Fig.
Fig. 15.1.1
15.1.1
15.1.1
15.1.1 An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
When using soldering flow
Preheat the device at a temperature of 150  (package surface temperature) for 60 to 120 seconds.
Mounting condition of 260  within 10 seconds is recommended.
Flow soldering must be performed once.
When using soldering Iron
Complete soldering within 10 seconds for lead temperature not exceeding 260  or within 3 seconds not
exceeding 350 
Heating by soldering iron must be done only once per lead.
15.2.
15.2.
15.2.
15.2. Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Avoid storage locations where devices may be exposed to moisture or direct sunlight.
Follow the precautions printed on the packing label of the device for transportation and storage.
Keep the storage location temperature and humidity within a range of 5  to 35  and 45 % to 75 %,
respectively.
Do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty
conditions.
Store the products in locations with minimal temperature fluctuations. Rapid temperature changes during
storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the
solderability of the leads.
When restoring devices after removal from their packing, use anti-static containers.
Do not allow loads to be applied directly to devices while they are in storage.
If devices have been stored for more than two years under normal storage conditions, it is recommended
that you check the leads for ease of soldering prior to use.
2015-09-10
Rev.3.0
©2015 Toshiba Corporation


Número de pieza similar - TLP240G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
   Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP240GAF TOSHIBA-TLP240GAF Datasheet
408Kb / 19P
   Photocouplers Photorelay
2020-02-04 Rev.8.0
More results

Descripción similar - TLP240G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
   OFF-state output terminal voltage - 80 V (min)
TLP3330 TOSHIBA-TLP3330 Datasheet
197Kb / 7P
   OFF-state output terminal voltage - 20 V (min)
TLP3350 TOSHIBA-TLP3350 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 20 V (min)
TLP3320 TOSHIBA-TLP3320 Datasheet
205Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
TLP3341 TOSHIBA-TLP3341 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3375 TOSHIBA-TLP3375 Datasheet
186Kb / 8P
   OFF-state output terminal voltage - 50 V (min)
TLP3342 TOSHIBA-TLP3342 Datasheet
176Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3340 TOSHIBA-TLP3340 Datasheet
173Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3351 TOSHIBA-TLP3351 Datasheet
173Kb / 7P
   OFF-state output terminal voltage - 60 V (min)
TLP3556 TOSHIBA-TLP3556 Datasheet
161Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com