Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP3131 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TLP3131
Descripción Electrónicos  TOSHIBA PHOTOCOUPLER PHOTO RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3131 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3131_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP3131_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP3131_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP3131_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP3131_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP3131_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3131
2014-09-01
2
Absolute Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Forward Current Derating (Ta ≥ 25°C)
ΔIF/°C
−0.5
mA/°C
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Off-State Output Terminal Voltage
VOFF
20
V
On-State Current
ION
300
mA
On-State Current Derating (Ta ≥ 25°C)
ΔION/°C
−3.0
mA/°C
Junction Temperature
Tj
125
°C
Storage Temperature Range
Tstg
−40~125
°C
Operating Temperature Range
Topr
−20~85
°C
Lead Soldering Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC, 1 minute, R.H. ≤ 60%) (Note 1)
BVS
1500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1): Device considered a two-terminal device. Pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
Caution
This device is sensitive to electrostatic discharge. When using this device, please ensure that all tools and equipment
are earthed.
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Voltage
VDD
20
V
Forward Current
IF
10
30
mA
On-State Current
ION
300
mA
Operating Temperature
Topr
25
60
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
10
μA
Capacitance
CT
V
= 0, f = 1 MHz
15
pF
Off-State Current
IOFF
VOFF = 20 V, Ta = 50°C
1000
pA
Capacitance
COFF
V
= 0, f = 100 MHz, t < 1 s
5.0
12.0
pF


Número de pieza similar - TLP3131_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3131 TOSHIBA-TLP3131_07 Datasheet
176Kb / 6P
   MEASUREMENT INSTRUMENTS
More results

Descripción similar - TLP3131_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP296G TOSHIBA-TLP296G Datasheet
465Kb / 6P
   TOSHIBA Photocoupler Photo Relay
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP598AA TOSHIBA-TLP598AA_14 Datasheet
180Kb / 5P
   TOSHIBA Photocoupler Photo Relay
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3116 TOSHIBA-TLP3116_14 Datasheet
192Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP227GA TOSHIBA-TLP227GA Datasheet
151Kb / 6P
   TOSHIBA Photocoupler Photo Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com