Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M93 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
M93 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 4 page Triple-Balanced Mixer Rev. V3 M93 / M93C 1 1 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 Features LO 2 TO 18 GHz RF 2 TO 18 GHz IF 0.03 TO 4 GHz LO DRIVE: +10 dBm (NOMINAL) WIDE BANDWIDTH Description M93 is a triple balanced mixer, designed for use in military, com- mercial and test equipment applications. The design utilizes Schottky ring quad diodes and broadband soft dielectric baluns to attain excellent performance. The use of high temperature solder assembly processes used internally makes it ideal for use in manual, semi-automated assembly. Environmental screening available to MIL-STD-883, MIL-STD-202 or MIL-DTL-28837, consult factory. Ordering Information Part Number Package M93 Minpac M93C SMA Connectorized Electrical Specifications: Z0 = 50 Lo = +10 dBm (Downconverter Application only) Parameter Test Conditions Units Typical Guaranteed +25ºC -54º to +85ºC SSB Conversion Loss (max) & SSB Noise Figure (max) fR = 2 to 10 GHz, fL = 2 to 14 GHz, fI = 0.03 to 4 GHz fR = 10 to 18 GHz, fL = 6 to 18 GHz, fI = 0.03 to 4 GHz dB dB 7.5 8.0 10.0 11.0 10.5 11.5 Isolation, L to R (min) fL = 2 to 18 GHz dB 29 15 13 Isolation, L to I (min) fL = 2 to 18 GHz dB 34 16 14 1 dB Conversion Comp. fL = +10 dBm dBm +4 Input IP3 fR1 = 6 GHz at –6 dBm, fR2 = 6.01 GHz at –6 dBm, fL = 8 GHz at +10 dBm fR1 = 15 GHz at –6 dBm, fR2 = 15.01 GHz at –6 dBm, fL =18 GHz at +10 dBm dBm dBm +14 +18 Product Image |
Número de pieza similar - M93_15 |
|
Descripción similar - M93_15 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |