Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M02044CG-31 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

No. de pieza M02044CG-31
Descripción Electrónicos  3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02044CG-31 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02044CG-31 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02044CG-31 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02044CG-31 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02044CG-31 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02044CG-31 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02044CG-31 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02044CG-31 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02044CG-31 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02044CG-31 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Functional Description
02044-DSH-002-A
Mindspeed Technologies™
9
Mindspeed Proprietary and Confidential
3.3.2
DC Offset Compensation
The M02044 contain an internal DC autozero circuit that can remove the effect of DC offsets without using external
components. This circuit is configured such that the feedback is effective only at frequencies well below the lowest
frequency of interest. The low frequency cut off is typically 25 kHz.
3.3.3
Data Outputs
The M02044 features PECL outputs as shown in Figure 3-3. The outputs may be terminated using any standard
AC or DC-coupling PECL termination technique. AC-coupling can be used for compatibility with non-PECL
interfaces.
3.3.4
Signal Detect (ST) and Loss of Signal (LOS)
The M02044 features input signal level detection over an extended range. Using an external resistor, RST, between
pin STSET and VCC3 (Figure 3-5) the user can program the input signal threshold. The signal detect status is
indicated on the both the Signal Detect (ST) and LOS output pins. Figure 3-4 shows the ST and LOS output
structure.
The ST (LOS) signal is active (not asserted) when the signal is above the threshold value. The signal detection
circuitry has the equivalent of 3.5 dB (typical) electrical hysteresis.
Figure 3-3.
PECL Data Outputs
VCC
VCC - 2V
50
Ω
50
Ω
PECLP
PECLN


Número de pieza similar - M02044CG-31

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02040-15EVM MA-COM-M02040-15EVM Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02046-15EVM MA-COM-M02046-15EVM Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02046-25 MA-COM-M02046-25 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
More results

Descripción similar - M02044CG-31

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02097-11 MA-COM-M02097-11 Datasheet
671Kb / 21P
   3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com