Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3402 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM3402
Descripción Electrónicos  0.5A Constant Current Buck Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3402_15 Datasheet HTML 7Page - Texas Instruments LM3402_15 Datasheet HTML 8Page - Texas Instruments LM3402_15 Datasheet HTML 9Page - Texas Instruments LM3402_15 Datasheet HTML 10Page - Texas Instruments LM3402_15 Datasheet HTML 11Page - Texas Instruments LM3402_15 Datasheet HTML 12Page - Texas Instruments LM3402_15 Datasheet HTML 13Page - Texas Instruments LM3402_15 Datasheet HTML 14Page - Texas Instruments LM3402_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DMAX =
tON
tON + tOFF-MIN
VO(max) = DMAX x VIN
IL-MIN =
0.2
RSNS
L
-
VO x tSNS
fSW =
VO
1.34 x 10
-10 x RON
VO = n x VF + 200 mV
LM3402/02HV
CS
VSNS
IF
RSNS
IF
+
-
VREF
+
-
One-shot
CS
Comparator
VO
VF
VF
LED 1
LED n
LM3402, LM3402HV
www.ti.com
SNVS450F – SEPTEMBER 2006 – REVISED OCTOBER 2015
Feature Description (continued)
At the conclusion of tON the power MOSFET turns off for a minimum OFF-time, tOFF-MIN, of 300 ns. Once tOFF-MIN
is complete the CS comparator compares VSNS and VREF again, waiting to begin the next cycle.
Figure 17. Comparator and One-Shot
The LM3402/HV regulators should be operated in continuous conduction mode (CCM), where inductor current
stays positive throughout the switching cycle. During steady-state operation in the CCM, the converter maintains
a constant switching frequency, which can be selected using Equation 2.
(2)
VF = forward voltage of each LED, n = number of LEDs in series
(3)
7.3.2 Average LED Current Accuracy
The COT architecture regulates the valley of
ΔVSNS, the AC portion of VSNS. To determine the average LED
current (which is also the average inductor current) the valley inductor current is calculated using Equation 4.
(4)
In Equation 4 tSNS represents the propagation delay of the CS comparator, and is approximately 220 ns. The
average inductor/LED current is equal to IL-MIN plus one-half of the inductor current ripple, ΔiL:
IF = IL = IL-MIN + ΔiL / 2
(5)
Detailed information for the calculation of
ΔiL is given in the Application and Implementation section.
7.3.3 Maximum Output Voltage
The 300 ns minimum off-time limits on the maximum duty cycle of the converter, DMAX, and in turn ,the maximum
output voltage VO(MAX) is determined by Equation 6:
(6)
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3402 LM3402HV


Número de pieza similar - LM3402_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3402 NSC-LM3402_1 Datasheet
691Kb / 18P
   LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
logo
Texas Instruments
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Descripción similar - LM3402_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3405 TI1-LM3405_13 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Current Buck Regulator
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Shenzhen Huazhimei Semi...
HM9805 HMSEMI-HM9805 Datasheet
492Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8005 XLSEMI-XL8005 Datasheet
142Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8005 ETC2-XL8005 Datasheet
203Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9803 HMSEMI-HM9803 Datasheet
598Kb / 7P
   80V 0.5A Switching Current Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com