Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BY299G Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

No. de pieza BY299G
Descripción Electrónicos  FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Página de inicio  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

BY299G Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  BY299G Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BY299G Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY296G THRU BY299G
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Reverse Voltage - 100 to 800 Volts
Forward Current -2.0 Amperes
Case: JEDEC DO-15 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.014 ounce, 0.40 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
100
70
100
200
140
200
400
280
400
800
560
800
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
70.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
100.0
R
θJA
CJ
TJ,TSTG
40.0
40.0
-65 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
500
ns
BY296G
DO-15
0.140(3.6)
0.104(2.6)
DIA.
0.034(0.86)
0.028(0.70)
DIA.
1.0 (25.4)
MIN.
0.300(7.6)
0.230(5.8)
1.0 (25.4)
MIN.
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375
”(9.5mm)lead length,P.C.B. mounted
BY297G
BY298G
BY299G
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
MDD Catalog Number


Número de pieza similar - BY299G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chongqing Pingwei Enter...
BY299G CHONGQING-BY299G Datasheet
38Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Changzhou Shunye Electr...
BY299G SY-BY299G Datasheet
1,002Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY299G TAYCHIPST-BY299G Datasheet
1Mb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shunye Enterprise
BY299G SHUNYE-BY299G Datasheet
1,002Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
BY299G CHENDA-BY299G Datasheet
543Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Descripción similar - BY299G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Changzhou Shunye Electr...
FR101G SY-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
FR602G CHENDA-FR602G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
FR605G CHENDA-FR605G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301G HY-FR301G_1 Datasheet
86Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N4933G CTC-1N4933G Datasheet
46Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101SG HY-FR101SG Datasheet
89Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
1N4933G HY-1N4933G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shunye Enterprise
FR151G SHUNYE-FR151G_17 Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BA157G SHUNYE-BA157G_17 Datasheet
1,014Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
FR101G HY-FR101G_17 Datasheet
136Kb / 3P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shunye Enterprise
BY396G SHUNYE-BY396G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com