Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADC0817 Datasheet(PDF) 7 Page - National Semiconductor (TI) |
|
|
ADC0817 Datasheet(HTML) 7 Page - National Semiconductor (TI) |
7 / 13 page Timing Diagram (Continued) The successive approximation register (SAR) performs 8 iterations to approximate the input voltage. For any SAR type converter, n-iterations are required for an n-bit con- verter. Figure 2 shows a typical example of a 3-bit converter. In the ADC0816, ADC0817, the approximation technique is extended to 8 bits using the 256R network. The A/D converter’s successive approximation register (SAR) is reset on the positive edge of the start conversion (SC) pulse. The conversion is begun on the falling edge of the start conversion pulse. A conversion in process will be interrupted by receipt of a new start conversion pulse. Con- tinuous conversion may be accomplished by tying the end-of-conversion (EOC) output to the SC input. If used in this mode, an external start conversion pulse should be applied after power up. End-of-conversion will go low be- tween 0 and 8 clock pulses after the rising edge of start conversion. The most important section of the A/D converter is the comparator. It is this section which is responsible for the ulimate accuracy of the entire converter. It is also the com- parator drift which has the greatest influence on the repeat- ability of the device. A chopper-stabilized comparator pro- vides the most effective method of satisfying all the converter requirements. The chopper-stabilized comparator converts the DC input signal into an AC signal. This signal is then fed through a high gain AC amplifier and has the DC level restored. This technique limits the drift component of the amplifier since the drift is a DC component which is not passed by the AC amplifier. This makes the entire A/D converter extremely insensitive to temperature, long term drift and input offset errors. Figure 4 shows a typical error curve for the ADC0816 as measured using the procedures outlined in AN-179. www.national.com 7 |
Número de pieza similar - ADC0817 |
|
Descripción similar - ADC0817 |