Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3556TME Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM3556TME
Descripción Electrónicos  Synchronous Boost LED Flash Driver With High-Side Current Source
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556TME Datasheet(HTML) 3 Page - Texas Instruments

  LM3556TME Datasheet HTML 1Page - Texas Instruments LM3556TME Datasheet HTML 2Page - Texas Instruments LM3556TME Datasheet HTML 3Page - Texas Instruments LM3556TME Datasheet HTML 4Page - Texas Instruments LM3556TME Datasheet HTML 5Page - Texas Instruments LM3556TME Datasheet HTML 6Page - Texas Instruments LM3556TME Datasheet HTML 7Page - Texas Instruments LM3556TME Datasheet HTML 8Page - Texas Instruments LM3556TME Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
A1
A2
B1
B2
B3
A3
C2
C1
C3
D2
D3
A4
B4
C4
D4
D1
LM3556
www.ti.com
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
5 Pin Configuration And Functions
YFQ Package
16-Pin DSBGA
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
High-side current source output for flash LED. Both pins must be connected for proper
A1, B1
LED
Power
operation.
Step-up DC-DC converter output. Connect a 10-µF ceramic capacitor between this pin
B2, A2
OUT
Power
and GND.
B3, A3
SW
Power
Drain connection for internal NMOS and synchronous PMOS switches.
A4, B4
GND
Ground
Ground
C1
TEMP
Power
Threshold detector for LED temperature sensing and current scale back.
Active high hardware torch enable. Drive TORCH high to turn on Torch or Movie mode.
C2
TORCH
Power
Used for external PWM Mode. Has an internal pulldown resistor of 300 k
Ω between
TORCH and GND.
Active high hardware flash enable. Drive STROBE high to turn on flash pulse. STROBE
C3
STROBE
I/O
overrides TORCH. Has an internal pulldown resistor of 300 k
Ω between STROBE and
GND.
Input voltage connection. Connect IN to the input supply, and bypass to GND with a 10-
C4
IN
Input
µF or larger ceramic capacitor.
Configurable dual polarity power amplifier synchronization input. Has an internal pulldown
D1
TX
I/O
resistor of 300 k
Ω between TX and GND.
D2
SDA
I/O
Serial data input/output.
D3
SCL
Input
Serial clock input.
Active high enable pin. High = standby, low = shutdown/reset. There is no internal
D4
ENABLE
Power
pulldown resistor on this pin.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3556


Número de pieza similar - LM3556TME

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results

Descripción similar - LM3556TME

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Texas Instruments
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com