Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ36002 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMZ36002
Descripción Electrónicos  SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ36002 Datasheet(HTML) 4 Page - Texas Instruments

  LMZ36002 Datasheet HTML 1Page - Texas Instruments LMZ36002 Datasheet HTML 2Page - Texas Instruments LMZ36002 Datasheet HTML 3Page - Texas Instruments LMZ36002 Datasheet HTML 4Page - Texas Instruments LMZ36002 Datasheet HTML 5Page - Texas Instruments LMZ36002 Datasheet HTML 6Page - Texas Instruments LMZ36002 Datasheet HTML 7Page - Texas Instruments LMZ36002 Datasheet HTML 8Page - Texas Instruments LMZ36002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
LMZ36002
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: LMZ36002
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE (1)
DESCRIPTION
NAME
NO.
RTSEL
10
I
This pin can be used to adjust the switching frequency to 1 MHz without the need for an external
resistor. Connect this pin to AGND to adjust the frequency to 1 MHz. Otherwise, leave this pin
floating.
SENSE+
22
I
Remote sense connection. This pin must be connected to VOUT at the load or at the device pins.
Connect the pin to VOUT at the load for improved regulation.
SS/TR
25
I
Slow-start and tracking pin. Connecting an external capacitor to this pin adjusts the output voltage
slow-start ramp above its 4.1 ms default setting. A voltage applied to this pin allows for tracking and
sequencing control.
VADJ
24
I
Connecting a resistor between this pin and AGND adjusts the output voltage.
VBSEL
7
I
Selectable internal bias supply. For output voltages
≥ 4.5 V, connect this pin to VOUT. For output
voltages < 4.5 V, connect this pin to AGND.
VERSA-
COMP
23
I
Connects to internal compensation network. This pin can be left floating or connected to the VADJ
pin to select the proper compensation depending on the output voltage.
VOUT
13, 14, 15,
16, 17, 18,
43
O
Output voltage. These pins are connected to the internal output inductor. Connect these pins to the
output load and connect external bypass capacitors between these pins and PGND close to the
device.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum voltage that can be applied to these pins is 30 V or PVIN, whichever is less.
(3)
See temperature derating curves in the Typical Characteristics section for thermal information.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
PVIN, INH/UVLO
–0.3
65
V
VOUT, SENSE+, VBSEL
–0.3
30(2)
V
VADJ, VERSA-COMP, RT, RTSEL, SS/TR
–0.3
3.6
V
PWRGD, PWRGD_PU
–0.3
15
V
CLK
–0.3
5.5
V
Output voltage
PH
–0.3
65
V
Operating junction temperature(3)
–40
125
°C
Mechanical shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
1500
G
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20-2000Hz
20
G
Storage temperature,
Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
PVIN
Input voltage
4.5
60
V
VOUT
Output voltage
2.5
7.5
V


Número de pieza similar - LMZ36002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
More results

Descripción similar - LMZ36002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ30604EVM-001 TI-LMZ30604EVM-001 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
logo
Maxim Integrated Produc...
MAX17501HTEVKIT MAXIM-MAX17501HTEVKIT Datasheet
1Mb / 9P
   Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com