Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ23608TZE Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LMZ23608TZE
Descripción Electrónicos  8A SIMPLE SWITCHER Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ23608TZE Datasheet(HTML) 5 Page - Texas Instruments

  LMZ23608TZE Datasheet HTML 1Page - Texas Instruments LMZ23608TZE Datasheet HTML 2Page - Texas Instruments LMZ23608TZE Datasheet HTML 3Page - Texas Instruments LMZ23608TZE Datasheet HTML 4Page - Texas Instruments LMZ23608TZE Datasheet HTML 5Page - Texas Instruments LMZ23608TZE Datasheet HTML 6Page - Texas Instruments LMZ23608TZE Datasheet HTML 7Page - Texas Instruments LMZ23608TZE Datasheet HTML 8Page - Texas Instruments LMZ23608TZE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LMZ23608
www.ti.com
SNVS708G – MARCH 2011 – REVISED AUGUST 2015
6.5 Electrical Characteristics
Limits are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are ensured through test, design or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 12V, VOUT = 3.3V
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS
ENABLE CONTROL
1.274
VEN
EN threshold
VEN rising
V
over the junction temperature (TJ) range
1.096
1.452
of –40°C to +125°C
IEN-HYS
EN hysteresis source current
VEN > 1.274 V
13
µA
SOFT-START
50
ISS
SS source current
VSS = 0 V
µA
over the junction temperature (TJ) range
40
60
of –40°C to +125°C
tSS
Internal soft-start interval
1.6
ms
CURRENT LIMIT
ICL
Current limit threshold
DC average
10.5
A
INTERNAL SWITCHING OSCILLATOR
Free-running oscillator
fosc
Sync input connected to ground
314
359
404
kHz
frequency
fsync
Synchronization range
Vsync = 3.3 Vp-p
314
600
kHz
Synchronization logic zero
over the junction temperature (TJ) range
VIL-sync
Relative to AGND
0.4
V
amplitude
of –40°C to +125°C
Synchronization logic one
over the junction temperature (TJ) range
VIH-sync
Relative to AGND
1.8
V
amplitude
of –40°C to +125°C
Synchronization duty cycle
SyncDC
15%
50%
85%
range
REGULATION AND OVERVOLTAGE COMPARATOR
0.795
VSS >+ 0.8 V
VFB
In-regulation feedback voltage
V
over the junction temperature (TJ) range
IO = 8 A
0.775
0.815
of –40°C to +125°C
Feedback over-voltage
VFB-OV
0.86
V
protection threshold
IFB
Feedback input bias current
5
nA
Non-switching quiescent
IQ
SYNC = 3 V
3
mA
current
ISD
Shutdown quiescent current
VEN = 0 V
32
μA
Dmax
Maximum duty factor
85%
THERMAL CHARACTERISTICS
TSD
Thermal shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown hysteresis
Falling
15
°C
PERFORMANCE PARAMETERS(3)
ΔVO
Output voltage ripple
BW at 20 MHz
24
mVPP
ΔVO/ΔVIN
Line regulation
VIN = 12V to 20 V, IOUT= 8 A
±0.2%
ΔVO/ΔIOUT
Load regulation
VIN = 12 V, IOUT= 0.001 A to 8 A
1
mV/A
η
Peak efficiency
VIN = 12 V, VOUT = 3.3 V, IOUT = 5 A
89.5%
η
Full load efficiency
VIN = 12 V, VOUT = 3.3 V, IOUT = 8 A
88.5%
(1)
Minimum and Maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Refer to BOM in Table 1.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ23608


Número de pieza similar - LMZ23608TZE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ23608TZE TI1-LMZ23608TZE Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
More results

Descripción similar - LMZ23608TZE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LMZ20502 TI1-LMZ20502_16 Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com