Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB1EBH-10S-1.5H-PEJC2 Datasheet(PDF) 2 Page - Hirose Electric

No. de pieza CB1EBH-10S-1.5H-PEJC2
Descripción Electrónicos  Memory Stick Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HIROSE [Hirose Electric]
Página de inicio  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CB1EBH-10S-1.5H-PEJC2 Datasheet(HTML) 2 Page - Hirose Electric

  CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 1Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 2Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 3Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 4Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 5Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 6Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 7Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 8Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
1. Insulation resistance
1000 M ohms min.
500 V DC
2. Withstanding voltage
No flashover or insulation breakdown
500 V AC / one minute
3. Contact resistance
100 m ohms max.
100mA DC
4. Vibration
No electrical discontinuity of 1 µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours / 3 axis
5. Humidity
Contact resistance: 40 m ohms max. from initial value
Insulation resistance: 100 M ohms min.
6. Temperature cycle
7. Durability
Contact resistance: 40m ohms max. from initial value
12000 cycles at 400 to 600 cycles per hour
(mating/unmating)
8. Resistance to
No deformation of any component.
Reflow: At the recommended temperature profile
soldering heat
No affect on contacts
Manual soldering: 300ç for 3 seconds
sMaterials
CB 1 E - 10 S - 1.5 H - PEJC -
*
*
1
4
6
2
3
5
7
9
8
Series name
: CB
Ejector type
: C
E
With eject mechanism
F
G
D
Without eject mechanism
A
1
Contact pitch : 1.5 mm
Surface mount
Eject mechanism codes:
PEJC : Card Push insert/Push eject
EJL
: Left button eject
EJR
: Right button eject
Suffix
6
7
8
9
2
3
4
Series No.
: 1
Number of contacts : 10
5 Connector type
S : Receptacle
}
}
Item
Specification
Conditions
Temperature: -55ç/+5ç to +35ç/+85ç/+5ç to +35ç
Duration: 30/5/30/5(Minutes)
5 cycles
Contact resistance: 40 m ohms max. from initial value
Insulation resistance: 100 M ohms min.
CB1E,CB1F,CB1G Series is
without the termination area.
The CB1E Series has termination
area with tin-lead plated.
96 hours at temperature of 40ç±2ç and humidity
of 90% to 95%
sProduct Specifications
Note :Includes temperature rise caused by current flow.
Rating
Current rating
0.5A
Voltage rating 125V AC
Operating humidity range
Relative humidity 96% max.
(No condensation)
Operating temperature range
-20ç to +85ç(Note)
Storage temperature range
-40ç to +85ç
Insulator
Color: Black
UL94V-0
Contacts
Phosphor bronze
----------
Metal hold down
Phosphor bronze or stainless steel
Cover
Stainless steel or cupper alloy
----------
Eject mechanism components
----------
UL94V-0
Part
Material
Finish
Remarks
sOrdering information
Heat resistant glass reinforced
therm oplastic compound
Stainless steel
Heat resistant glass reinforced
therm oplastic compound
Contact area: Gold plated
Termination area: Tin-Iead plated or
tinned copper plated
Contact area: Nickel plating
Termination area: Tin-Iead plated or
tinned copper plated


Número de pieza similar - CB1EBH-10S-1.5H-PEJC2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CB1E105M2ACB ETC2-CB1E105M2ACB Datasheet
427Kb / 6P
   Tantalum Capacitor
CB1E106M2CCB ETC2-CB1E106M2CCB Datasheet
427Kb / 6P
   Tantalum Capacitor
CB1E107M2FCB ETC2-CB1E107M2FCB Datasheet
427Kb / 6P
   Tantalum Capacitor
CB1E155M2ACB ETC2-CB1E155M2ACB Datasheet
427Kb / 6P
   Tantalum Capacitor
CB1E156M2DCB ETC2-CB1E156M2DCB Datasheet
427Kb / 6P
   Tantalum Capacitor
More results

Descripción similar - CB1EBH-10S-1.5H-PEJC2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsumi Electronics, Co...
CIM-E31 MITSUMI-CIM-E31 Datasheet
169Kb / 2P
   Memory Stick??Connectors
CIM-G24 MITSUMI-CIM-G24 Datasheet
86Kb / 2P
   Memory Stick??Duo Connectors
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
   Memory Stick Duo / Memory Stick (2-in-1)
logo
ALPS ELECTRIC CO.,LTD.
SCNA ALPS-SCNA Datasheet
254Kb / 3P
   Connector for Memory Stick Micro?
logo
Adam Technologies, Inc.
MS-10-A-SG ADAM-TECH-MS-10-A-SG Datasheet
124Kb / 1P
   MEMORY STICK & SMART MEDIA SOCKETS
logo
PHOENIX CONTACT
2402809 PHOENIX-2402809 Datasheet
49Kb / 1P
   USB memory stick - USB FLASH DRIVE
logo
Texas Instruments
SN65LVDT14 TI-SN65LVDT14_07 Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
logo
ALPS ELECTRIC CO.,LTD.
SCDB ALPS-SCDB Datasheet
136Kb / 3P
   Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
logo
Texas Instruments
SN65LVDT14-EP TI1-SN65LVDT14-EP Datasheet
805Kb / 19P
[Old version datasheet]   Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com