Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM3351BZCEA60 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
AM3351BZCEA60 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 253 page 3 AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351 www.ti.com SPRS717J – OCTOBER 2011 – REVISED APRIL 2016 Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351 Device Overview Copyright © 2011–2016, Texas Instruments Incorporated • Programmable High-Quality Image Anti- Aliasing • Fully Virtualized Memory Addressing for OS Operation in a Unified Memory Architecture – LCD Controller • Up to 24-Bit Data Output; 8 Bits per Pixel (RGB) • Resolution up to 2048 × 2048 (With Maximum 126-MHz Pixel Clock) • Integrated LCD Interface Display Driver (LIDD) Controller • Integrated Raster Controller • Integrated DMA Engine to Pull Data from the External Frame Buffer Without Burdening the Processor via Interrupts or a Firmware Timer • 512-Word Deep Internal FIFO • Supported Display Types: – Character Displays - Uses LIDD Controller to Program these Displays – Passive Matrix LCD Displays - Uses LCD Raster Display Controller to Provide Timing and Data for Constant Graphics Refresh to a Passive Display – Active Matrix LCD Displays - Uses External Frame Buffer Space and the Internal DMA Engine to Drive Streaming Data to the Panel – 12-Bit Successive Approximation Register (SAR) ADC • 200K Samples per Second • Input can be Selected from any of the Eight Analog Inputs Multiplexed Through an 8:1 Analog Switch • Can be Configured to Operate as a 4-Wire, 5-Wire, or 8-Wire Resistive Touch Screen Controller (TSC) Interface – Up to Three 32-Bit eCAP Modules • Configurable as Three Capture Inputs or Three Auxiliary PWM Outputs – Up to Three Enhanced High-Resolution PWM Modules (eHRPWMs) • Dedicated 16-Bit Time-Base Counter With Time and Frequency Controls • Configurable as Six Single-Ended, Six Dual- Edge Symmetric, or Three Dual-Edge Asymmetric Outputs – Up to Three 32-Bit Enhanced Quadrature Encoder Pulse (eQEP) Modules • Device Identification – Contains Electrical Fuse Farm (FuseFarm) of Which Some Bits are Factory Programmable • Production ID • Device Part Number (Unique JTAG ID) • Device Revision (Readable by Host ARM) • Debug Interface Support – JTAG and cJTAG for ARM (Cortex-A8 and PRCM), PRU-ICSS Debug – Supports Device Boundary Scan – Supports IEEE 1500 • DMA – On-Chip Enhanced DMA Controller (EDMA) has Three Third-Party Transfer Controllers (TPTCs) and One Third-Party Channel Controller (TPCC), Which Supports up to 64 Programmable Logical Channels and Eight QDMA Channels. EDMA is Used for: • Transfers to and from On-Chip Memories • Transfers to and from External Storage (EMIF, GPMC, Slave Peripherals) • Inter-Processor Communication (IPC) – Integrates Hardware-Based Mailbox for IPC and Spinlock for Process Synchronization Between Cortex-A8, PRCM, and PRU-ICSS • Mailbox Registers that Generate Interrupts – Four Initiators (Cortex-A8, PRCM, PRU0, PRU1) • Spinlock has 128 Software-Assigned Lock Registers • Security – Crypto Hardware Accelerators (AES, SHA, RNG) – Secure Boot • Boot Modes – Boot Mode is Selected Through Boot Configuration Pins Latched on the Rising Edge of the PWRONRSTn Reset Input Pin • Packages: – 298-Pin S-PBGA-N298 Via Channel Package (ZCE Suffix), 0.65-mm Ball Pitch – 324-Pin S-PBGA-N324 Package (ZCZ Suffix), 0.80-mm Ball Pitch |
Número de pieza similar - AM3351BZCEA60 |
|
Descripción similar - AM3351BZCEA60 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |