Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC30-21516A Datasheet(PDF) 4 Page - SICK AG

No. de pieza UC30-21516A
Descripción Electrónicos  ULTRASONIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SICK [SICK AG]
Página de inicio  http://www.sick.com/
Logo SICK - SICK AG

UC30-21516A Datasheet(HTML) 4 Page - SICK AG

  UC30-21516A Datasheet HTML 1Page - SICK AG UC30-21516A Datasheet HTML 2Page - SICK AG UC30-21516A Datasheet HTML 3Page - SICK AG UC30-21516A Datasheet HTML 4Page - SICK AG UC30-21516A Datasheet HTML 5Page - SICK AG UC30-21516A Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UC30-21516A | UC30
ULTRASONIC SENSORS
Connection diagram
L+
1
3
brn
blu
2
wht
4
M
blk
5 Sync/
Multi
gra
2
Q
¯
/
Q1 1
nc
1
①  Not assigned
②  Synchronization and multiplex operation/communication Connect+
Adjustment possible
1
D1
2
1 T1
T2
D2
①  Operating elements
②  LED status indicator
Detection area
UM30-215, UC30-215
2,400
(94.49)
3,600
(141.73)
3,600
(141.73)
2,400
(94.49)
1,200
(47.24)
1,200
(47.24)
0
Detection area in mm (inch)
3
4
5
2
0
1,200
(47.24)
3,600
(141.73)
2,400
(94.49)
4,800
(188.98)
6,000
(236.22)
8,400
(330.71)
7,200
(283.46)
Detection area in mm (inch)
1
①  Sensing range dependent on reflection properties, size and orientation of the object
②  Limiting range
③  Working range
④  Example object: aligned plate 500 mm x 500 mm
⑤  Example object: pipe with 27 mm diameter
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice


Número de pieza similar - UC30-21516A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SICK AG
UC30-215162 SICK-UC30-215162 Datasheet
701Kb / 6P
   ULTRASONIC SENSORS
UC30-215163 SICK-UC30-215163 Datasheet
702Kb / 6P
   ULTRASONIC SENSORS
UC30-215164 SICK-UC30-215164 Datasheet
701Kb / 6P
   ULTRASONIC SENSORS
More results

Descripción similar - UC30-21516A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com