Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDC7200PW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TDC7200PW
Descripción Electrónicos  Time-to-Digital Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TDC7200PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDC7200PW Datasheet HTML 3Page - Texas Instruments TDC7200PW Datasheet HTML 4Page - Texas Instruments TDC7200PW Datasheet HTML 5Page - Texas Instruments TDC7200PW Datasheet HTML 6Page - Texas Instruments TDC7200PW Datasheet HTML 7Page - Texas Instruments TDC7200PW Datasheet HTML 8Page - Texas Instruments TDC7200PW Datasheet HTML 9Page - Texas Instruments TDC7200PW Datasheet HTML 10Page - Texas Instruments TDC7200PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
TDC7200
www.ti.com
SNAS647D – FEBRUARY 2015 – REVISED MARCH 2016
Product Folder Links: TDC7200
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Accuracy is defined as the systematic error in the output signal; the error of the device excluding noise.
(2)
Specified by design.
7.5 Electrical Characteristics
TA = 25°C , VDD = 3.3 V, GND = 0 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TDC CHARACTERISTICS
LSB
Resolution
Single shot measurement
55
ps
TACC-2
Accuracy (Mode 2) (1)
CLOCK = 8 MHz
28
ps
TSTD-2
Standard Deviation (Mode 2)
Measured time = 100 µs
50
ps
Measured time = 1 µs
35
ps
OUTPUT CHARACTERISTICS: TRIGG, INTB, DOUT
VOH
Output voltage high
Isource = -2 mA
2.31
2.95
V
VOL
Output voltage low
Isink = 2 mA
0.35
0.99
V
INPUT CHARACTERISTICS: ENABLE, START, STOP, CLOCK, DIN, CSB,SCLK
Cin
Input capacitance (2)
3
pF
POWER CONSUMPTION (see Measurement Mode 1 and Measurement Mode 2)
Ish
Shutdown current
EN = LOW
0.3
2
µA
IQA
Quiescent Current A
EN = HIGH; TDC running
1.35
mA
IQB
Quiescent Current B
EN = HIGH; TDC OFF, Clock Counter running
71
µA
IQC
Quiescent Current C
EN = HIGH; measurement stopped, SPI
communication only
87
µA
IQD
Quiescent Current D
EN = HIGH, TDC OFF, counter stopped, no
communication
50
µA
7.6 Timing Requirements
MIN
NOM
MAX
UNIT
TIMING REQUIREMENTS: START, STOP INPUTS, CLOCK
PWSTART
Pulse width for Start Signal
10
ns
PWSTOP
Pulse width for Stop Signal
10
ns
SERIAL INTERFACE TIMING CHARACTERISTICS (VDD = 3.3 V, fSCLK = 20 MHz) (See Figure 1)
fSCLK
SCLK Frequency
20
MHz
t1
SCLK period
50
ns
t2
SCLK High Time
16
ns
t3
SCLK Low Time
16
ns
t4
DIN setup time
4
ns
t5
DIN hold time
4
ns
t6
CSB fall to SCLK rise
6
ns
t7
Last SCLK rising edge to CSB rising edge
6
ns
t8
Minimum pause time (CSB high)
40
ns
t9
Clk fall to DOUT bus transition
12
ns
7.7 Switching Characteristics
TA = 25°C , VDD = 3.3 V, GND = 0 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
WAKE UP TIME
TWAKEUP_PERIOD
Time to be ready for
Measurement
LSB within 0.3% of settled value
300
µs


Número de pieza similar - TDC7200PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TDC7200EVM TI1-TDC7200EVM Datasheet
13Mb / 24P
[Old version datasheet]   TDC7200EVM User?셲 Guide
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
More results

Descripción similar - TDC7200PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Keysight Technologies
U1050A KEYSIGHT-U1050A Datasheet
1Mb / 6P
   Acqiris Time-to-Digital Converter
logo
Roithner LaserTechnik G...
TTM8000 ROITHNER-TTM8000 Datasheet
363Kb / 2P
   8 Channel Time to Digital Converter
logo
Keysight Technologies
U1051A KEYSIGHT-U1051A Datasheet
726Kb / 6P
   Acqiris TC890 Time-to-Digital Converter
logo
Maxim Integrated Produc...
MAX35102 MAXIM-MAX35102 Datasheet
999Kb / 37P
   Time-to-Digital Converter Without RTC
19-7442; Rev 0; 11/14
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Sciosense B.V.
AS6500 SCIOSENSE-AS6500 Datasheet
344Kb / 3P
   AS6500 – 4-channel Time-to-Digital Converter
logo
Maxim Integrated Produc...
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
   Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
logo
Sciosense B.V.
TDC-GPX2 SCIOSENSE-TDC-GPX2 Datasheet
344Kb / 3P
   TDC-GPX2 – 4-channel Time-to-Digital Converter
logo
ams AG
TDC-GPX AMSCO-TDC-GPX Datasheet
1Mb / 54P
   Ultra-high Performance 8 Channel Time- to-Digital Converter
logo
List of Unclassifed Man...
MQT200F ETC1-MQT200F Datasheet
309Kb / 5P
   Charge-to-Time Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com