Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSL1401CCS Datasheet(PDF) 6 Page - ams AG

No. de pieza TSL1401CCS
Descripción Electrónicos  Enables High-Resolution Edge Detection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CCS Datasheet(HTML) 6 Page - ams AG

Back Button TSL1401CCS Datasheet HTML 2Page - ams AG TSL1401CCS Datasheet HTML 3Page - ams AG TSL1401CCS Datasheet HTML 4Page - ams AG TSL1401CCS Datasheet HTML 5Page - ams AG TSL1401CCS Datasheet HTML 6Page - ams AG TSL1401CCS Datasheet HTML 7Page - ams AG TSL1401CCS Datasheet HTML 8Page - ams AG TSL1401CCS Datasheet HTML 9Page - ams AG TSL1401CCS Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-00] 2016-Jan-18
TSL1401CCS − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VDD
Supply voltage range
-0.3
6
V
VI
Input voltage range
-0.3
VDD + 0.3
V
IIK
Input clamp current, (VI < 0) or (VI > VDD)
-20
20
mA
IOK
Output clamp current, (VO < 0) or (VO > VDD)
-25
25
mA
VO
Voltage range applied to any output in the high impedance or
power OFF state
-0.3
VDD + 0.3
V
IO
Continuous output current, (VO = 0 to VDD)
-25
25
mA
Continuous current through VDD or GND
-40
40
mA
IO
Analog output current range
-25
25
mA
Maximum light exposure at 638nm
5
mJ/cm2
TA
Operating free-air temperature range
-40
100
°C
Tstg
Storage temperature range
-40
100
°C
Solder reflow temperature, case exposed for 10 seconds
260
°C
Absolute Maximum Ratings


Número de pieza similar - TSL1401CCS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CL AMSCO-TSL1401CL Datasheet
647Kb / 17P
   128X1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CL TAOS-TSL1401CL Datasheet
647Kb / 17P
   LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CS ETC-TSL1401CS Datasheet
169Kb / 14P
   128 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results

Descripción similar - TSL1401CCS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
D6T OMRON-D6T Datasheet
699Kb / 6P
   High Sensitivity Enables Detection of Stationary Human Presence
logo
Murata Manufacturing Co...
PV36W102C01B00 MURATA1-PV36W102C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W201C01B00 MURATA1-PV36W201C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X201C01B00 MURATA1-PV36X201C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W204C01B00 MURATA1-PV36W204C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W104C01B00 MURATA1-PV36W104C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W105C01B00 MURATA1-PV36W105C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W203C01B00 MURATA1-PV36W203C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X101C01B00 MURATA1-PV36X101C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X200C01B00 MURATA1-PV36X200C01B00 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com