Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CB3Q3125DGVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74CB3Q3125DGVR
Descripción Electrónicos  Quadruple FET Bus Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3125DGVR Datasheet(HTML) 3 Page - Texas Instruments

  SN74CB3Q3125DGVR Datasheet HTML 1Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 2Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4OE
4A
4B
3OE
3A
1A
1B
2OE
2A
2B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
1OE
1A
1B
2OE
2A
2B
GND
VCC
4OE
4A
4B
3OE
3A
3B
NC
NC - No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1B
2OE
2A
2B
GND
VCC
4OE
4A
4B
3OE
3A
3B
SN74CB3Q3125
www.ti.com
SCDS143C – OCTOBER 2003 – REVISED JUNE 2015
5 Pin Configuration and Functions
DGV, PW Packages
RGY Package
DBQ Package
14-Pin TVSOP, TSSOP
14-Pin VQFN
16-Pin SSOP
Top View
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
DGV, PW,
NAME
DBQ
RGY
1OE
1
2
I
Output Enable (Active Low)
1A
2
3
I/O
Channel 1A I/O 1A
1B
3
4
I/O
Channel 1B I/O 1B
2OE
4
5
I
Output Enable (Active Low)
2A
5
6
I/O
Channel 2A I/O 2A
2B
6
7
I/O
Channel 2B I/O 2B
GND
7
8
Ground
3B
8
10
I/O
Channel 3B I/O 3B
3A
9
11
I/O
Channel 3A I/O 3B
3OE
10
12
I
Output Enable (Active Low)
4B
11
13
I/O
Channel 4B I/O 4B
4A
12
14
I/O
Channel 4A I/O 4B
4OE
13
15
I
Output Enable (Active Low)
NC
1, 9
No Connect
VCC
14
16
Power
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74CB3Q3125


Número de pieza similar - SN74CB3Q3125DGVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CB3Q3125DGVR TI-SN74CB3Q3125DGVR Datasheet
306Kb / 1P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Descripción similar - SN74CB3Q3125DGVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
   Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com