Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD54HC4053F3A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD54HC4053F3A
Descripción Electrónicos  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC4053F3A Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD54HC4053F3A Datasheet HTML 6Page - Texas Instruments CD54HC4053F3A Datasheet HTML 7Page - Texas Instruments CD54HC4053F3A Datasheet HTML 8Page - Texas Instruments CD54HC4053F3A Datasheet HTML 9Page - Texas Instruments CD54HC4053F3A Datasheet HTML 10Page - Texas Instruments CD54HC4053F3A Datasheet HTML 11Page - Texas Instruments CD54HC4053F3A Datasheet HTML 12Page - Texas Instruments CD54HC4053F3A Datasheet HTML 13Page - Texas Instruments CD54HC4053F3A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
www.ti.com
6.6 Electrical Characteristics: HCT Devices
TEST CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
VIS
VI
VEE
VCC
TA
(V)
(V)
(V)
(V)
25°C
2
4.5
–40°C to
2
VIH
High-level input voltage
to
85°C
V
5.5
–55°C to
2
125°C
25°C
0.8
4.5
–40°C to
0.8
VIL
Low-level input voltage
to
85°C
V
5.5
–55°C to
0.8
125°C
25°C
70
160
–40°C to
200
0
4.5
85°C
–55°C to
240
125°C
VCC or VEE
25°C
40
120
–40°C to
150
–4.5
4.5
85°C
–55°C to
180
VIL
125°C
IO = 1 mA
rON
ON resistance
or
Ω
See Figure 6
25°C
90
180
VIH
–40°C to
225
0
4.5
85°C
–55°C to
270
125°C
VCC to VEE
25°C
45
130
–40°C to
162
–4.5
4.5
85°C
–55°C to
195
125°C
0
4.5
25°C
10
Maximum ON resistance
ΔrON
Ω
between any two channels
–4.5
4.5
25°C
5
10
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053


Número de pieza similar - CD54HC4053F3A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Descripción similar - CD54HC4053F3A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_V01 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com