Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBTU4411 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SN74CBTU4411
Descripción Electrónicos  Multiplexer/Demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBTU4411 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74CBTU4411_16 Datasheet HTML 2Page - Texas Instruments SN74CBTU4411_16 Datasheet HTML 3Page - Texas Instruments SN74CBTU4411_16 Datasheet HTML 4Page - Texas Instruments SN74CBTU4411_16 Datasheet HTML 5Page - Texas Instruments SN74CBTU4411_16 Datasheet HTML 6Page - Texas Instruments SN74CBTU4411_16 Datasheet HTML 7Page - Texas Instruments SN74CBTU4411_16 Datasheet HTML 8Page - Texas Instruments SN74CBTU4411_16 Datasheet HTML 9Page - Texas Instruments SN74CBTU4411_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
SN74CBTU4411
SCDS192A – APRIL 2005 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: SN74CBTU4411
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
II and IO are used to denote specific conditions for II/O.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
2.5
V
VIN
Control input voltage(2)(3)
–0.5
2.5
V
VI/O
Switch I/O voltage(2)(3)(4)
–0.5
2.5
V
IIK
Control input clamp current
VIN < 0 or VIN > 0
±50
mA
II/OK
I/O port clamp current
VI/O < 0 or VI/O > 0
±50
mA
II/O
ON-state switch current(5)
±100
mA
Continuous current through VDD or GND pins
±100
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
All unused control inputs of the device must be held at VDD or GND to ensure proper device operation. See the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
1.7
1.8
1.9
V
VREF
Reference supply voltage
0.49 × VDD
0.5 × VDD
0.51 × VDD
V
VBIAS
BIAS supply voltage
0
0.3 × VDD
0.33 × VDD
V
VIH
High-level control input voltage
S
VREF + 250 mV
V
EN, TX, DQS_EN
0.65 × VDD
VIL
Low-level control input voltage
S
VREF – 250 mV
V
EN, TX, DQS_EN
0.35 × VDD
VI/O
Data input/output voltage
0
VDD
V
TA
Operating free-air temperature
0
85
°C


Número de pieza similar - SN74CBTU4411_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTU4411GSTR TI-SN74CBTU4411GSTR Datasheet
385Kb / 15P
[Old version datasheet]   11-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 1.8-V DDR-II SWITCH WITH CHARGE PUMP AND PRECHARGED OUTPUTS
More results

Descripción similar - SN74CBTU4411_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPLINK Communications I...
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com