Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3A27518EZQSR Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TS3A27518EZQSR
Descripción Electrónicos  6-Channel, 1:2 Multiplexer/Demultiplexer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A27518EZQSR Datasheet(HTML) 5 Page - Texas Instruments

  TS3A27518EZQSR Datasheet HTML 1Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 2Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 3Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 4Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 5Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 6Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 7Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 8Page - Texas Instruments TS3A27518EZQSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
TS3A27518E
www.ti.com
SCDS260D – MARCH 2009 – REVISED MAY 2016
Product Folder Links: TS3A27518E
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5-V maximum.
(6)
Requires clamp diodes on analog port to VCC.
(7)
Pulse at 1-ms duration < 10% duty cycle.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VCC
Supply voltage (3)
–0.5
4.6
V
VNC
VNO
VCOM
Analog signal voltage (3) (4) (5)
–0.5
4.6
V
IK
Analog port diode current (6)
VCC < VNC, VNO, VCOM < 0
–50
mA
INC
INO
ICOM
ON-state switch current (7)
VNC, VNO, VCOM = 0 to VCC
–50
50
mA
VI
Digital input voltage (3) (4)
–0.5
4.6
V
IIK
Digital input clamp current (3) (4)
VIO < VI < 0
–50
mA
ICC
Continuous current through VCC
100
mA
IGND
Continuous current through GND
–100
mA
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101 (2)
±1500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
VCC
1.65
3.6
V
Analog signal voltage
VNC
0
VCC
V
VNO
VCOM
Digital input voltage
VI
0
VCC
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC (1)
TS3A27518E
UNIT
PW
(TSSOP)
RTW
(WQFN)
ZQS (BGA
MICROSTAR JUNIOR)
24 PINS
24 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
104
40.7
155.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
51.6
42.9
69.9
°C/W
RθJB
Junction-to-board thermal resistance
57.5
19.2
94.6
°C/W


Número de pieza similar - TS3A27518EZQSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A27518EZQSR TI-TS3A27518EZQSR Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
More results

Descripción similar - TS3A27518EZQSR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC7PA53FU TOSHIBA-TC7PA53FU_07 Datasheet
163Kb / 8P
   2-Channel Multiplexer/Demultiplexer
TC7W53F TOSHIBA-TC7W53F_06 Datasheet
492Kb / 11P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com