Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST2341SRG Datasheet(PDF) 3 Page - Stanson Technology

No. de pieza ST2341SRG
Descripción Electrónicos  SOT-23 package design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANSON [Stanson Technology]
Página de inicio  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2341SRG Datasheet(HTML) 3 Page - Stanson Technology

  ST2341SRG Datasheet HTML 1Page - Stanson Technology ST2341SRG Datasheet HTML 2Page - Stanson Technology ST2341SRG Datasheet HTML 3Page - Stanson Technology ST2341SRG Datasheet HTML 4Page - Stanson Technology ST2341SRG Datasheet HTML 5Page - Stanson Technology ST2341SRG Datasheet HTML 6Page - Stanson Technology ST2341SRG Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST2341SRG
P Channel Enhancement Mode MOSFET
-3.2A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST2341SRG 2014. V1
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
-0.35
-1.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±100
nA
VDS=-20V,VGS=0V
-1
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V,VGS=0V
TJ=55℃
-10
uA
Drain-source On-Resistance
RDS(on)
VGS=-2.5V,ID=-2.0A
VGS=-4.5V,ID=-3.2A
0.045
0.053
0.05
0.06
Ω
Forward Transconductance
gfs
VDS=-5V,ID=-2.8V
6.5
S
Diode Forward Voltage
VSD
IS=-1.6A,VGS=0V
-0.7
-1.0
V
Dynamic
Total Gate Charge
Qg
5.8
10
Gate-Source Charge
Qgs
0.85
Gate-Drain Charge
Qgd
VDS=-6V
VGS=-4.5V
ID≡-2.8A
1.7
nC
Input Capacitance
Ciss
415
Output Capacitance
Coss
223
Reverse Transfer
Capacitance
Crss
VDS=-6V
VGS=0V
F=1MHz
87
pF
13
25
Turn-On Time
td(on)
tr
36
60
42
70
Turn-Off Time
td(off)
tf
VDD=-6V
RL=6Ω
ID=-1A
VGEN=-4.5V
RG=6Ω
34
60
nS


Número de pieza similar - ST2341SRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stanson Technology
ST2341S23RG STANSON-ST2341S23RG Datasheet
343Kb / 6P
   P Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
ST2341S23RG VBSEMI-ST2341S23RG Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
List of Unclassifed Man...
ST2341S23RG_V2 ETC2-ST2341S23RG_V2 Datasheet
607Kb / 6P
   P Channel Enhancement Mode MOSFET
More results

Descripción similar - ST2341SRG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stanson Technology
ST2309ES STANSON-ST2309ES Datasheet
867Kb / 8P
   SOT-23 package design
logo
KEC(Korea Electronics)
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
   SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
   SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KDS135S KEC-KDS135S Datasheet
348Kb / 1P
   SOT-23 PACKAGE
MMBZ5240B KEC-MMBZ5240B Datasheet
17Kb / 1P
   SOT-23 PACKAGE
KDR721S KEC-KDR721S_05 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com