Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPMR6G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TPMR6G
Descripción Electrónicos  6A, 400V - 600V High Current Density Switch mode Superfast Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TPMR6G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TPMR6G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TPMR6G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TPMR6G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TPMR6G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note 1: "X" defines voltage from 400V (TPMR6G) to 600V (TPMR6J)
Note 2: Whole series with green compound (halogen-free)
(TA=25°C unless otherwise noted)
Version: A1512
RATINGS AND CHARACTERISTICS CURVES
TPMR6G - TPMR6J
Taiwan Semiconductor
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
TPMR6x
(Note 1, 2)
S1
G
SMPC
S2
SMPC
ORDERING INFORMATION
6,000/ 13" Plastic reel
1,500/ 7" Plastic reel
PACKING
EXAMPLE
EXAMPLE
PART NO.
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
Green compound
DESCRIPTION
TPMR6G S1G
TPMR6G
S1
G
0
2
4
6
8
0
25
50
75
100
125
150
175
LEAD TEMPERATURE (°C)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
Resister or
inductive load
0
25
50
75
100
125
150
175
200
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
PEAK SURGE CURRENT
8.3ms single half sine wave
0.01
0.1
1
10
100
0
20
406080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 2 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Pulse width=300μs
1% duty cycle
TJ=25°C
TJ=125°C
400V
600V


Número de pieza similar - TPMR6G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TPMR6GH TSC-TPMR6GH Datasheet
476Kb / 5P
   6A, 400V - 600V Super Fast Surface Mount Rectifier
More results

Descripción similar - TPMR6G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TPMR6GH TSC-TPMR6GH Datasheet
476Kb / 5P
   6A, 400V - 600V Super Fast Surface Mount Rectifier
TUAU6GH TSC-TUAU6GH Datasheet
487Kb / 5P
   6A, 400 - 600V High Efficient Surface Mount Rectifiers
TPMR10D TSC-TPMR10D Datasheet
412Kb / 4P
   10A, 200V - 600V High Current Density Switchmode Ultrafast Surface Mount Rectifiers
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Apr-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Oct-13
SS3P4 VISHAY-SS3P4_15 Datasheet
85Kb / 4P
   High Current Density Surface Mount Schottky Rectifiers
Revision: 08-Oct-13
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
UH4PBC VISHAY-UH4PBC_11 Datasheet
100Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 10-May-11
ES1PB VISHAY-ES1PB_15 Datasheet
93Kb / 6P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Feb-15
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com