Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2013D1RGPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2013D1RGPR
Descripción Electrónicos  Constant Output Power Class-D Audio Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2013D1RGPR Datasheet(HTML) 3 Page - Texas Instruments

  TPA2013D1RGPR Datasheet HTML 1Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 2Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 3Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 4Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 5Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 6Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 7Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 8Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
V
CC
FB
SDd
V
DD
2
5
7
10
11
14
17
20
GAIN
AGND
VOUT–
VOUT–
VOUT+
VOUT+
VOUT+
18
19
16
13
12
15
3
4
1
8
9
6
V
CC
FB
SW
V
CC
OUT
V
CC
IN
SDb
IN+
IN–
PGND
AGND
SDd
PGND
VOUT–
V
DD
GAIN
VOUT+
PGND
D1
D2
D3
D4
C1
C2
C3
C4
B1
B3
B4
B2
A1
A2
A3
A4
3
TPA2013D1
www.ti.com
SLOS520A – AUGUST 2007 – REVISED MARCH 2016
Product Folder Links: TPA2013D1
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE NUMBER
SPEAKER AMP TYPE
SPECIAL FEATURE
OUTPUT POWER (W)
PSRR (Db)
TPA2013D1
Class D
Boost Converter
2.7
95
TPA2015D1
Class D
Adaptive Boost Converter
2
85
TPA2025D1
Class D
Class G Boost Converter
2
65
TPA2080D1
Class D
Class G Boost Converter
2.2
62.5
6 Pin Configuration and Functions
RGP Package
20-Pin VQFN
Top View
YZH Package
16-Pin DSBGA
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
VQFN
DSBGA
AGND
4
C4
Analog ground – connect all GND pins together
GAIN
3
B2
I
Gain selection pin
IN+
8
D2
I
Positive audio input
IN–
7
D3
I
Negative audio input
PGND
9, 10, 20
D1, C2, A4
Power ground – connect all GND pins together
SDb
6
D4
I
Shutdown terminal for the Boost Converter
SDd
5
C3
I
Shutdown terminal for the Class D Amplifier
SW
18, 19
A3
Boost and rectifying switch input
Thermal Pad
Die Pad
N/A
P
Solder the thermal pad on the bottom of the QFN package to the GND plane of the PCB. It is
required for mechanical stability and enhances thermal performance.
VCCFB
2
B3
I
Voltage feedback
VC CIN
16
A1
Class-D audio power amplifier voltage supply – connect to VCCOUT
VCCOUT
17
A2
Boost converter output – connect to VCCIN
VDD
1
B4
Supply voltage
VOUT+
13, 14, 15
B1
O
Positive audio output
VOUT–
11, 12
C1
O
Negative audio output


Número de pieza similar - TPA2013D1RGPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2013D1RGPR TI-TPA2013D1RGPR Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results

Descripción similar - TPA2013D1RGPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com