Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3245D2DDVR Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPA3245D2DDVR
Descripción Electrónicos  200W Mono PurePath Ultra-HD Analog-Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3245D2DDVR Datasheet(HTML) 3 Page - Texas Instruments

  TPA3245D2DDVR Datasheet HTML 1Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 2Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 3Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 4Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 5Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 6Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 7Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 8Page - Texas Instruments TPA3245D2DDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
13
14
15
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
19
20
21
22
44
43
42
41
31
27
28
29
30
32
33
34
35
36
40
39
38
37
25
26
23
24
OC_ADJ
VDD
M2
M1
/CLIP_OTW
/FAULT
INPUT_D
INPUT_C
GND
GND
INPUT_B
INPUT_A
C_START
/RESET
PVDD_CD
GND
BST_A
PVDD_AB
GND
OUT_B
BST_B
GND
OUT_C
PVDD_CD
OUT_A
PVDD_AB
GND
BST_C
BST_D
OUT_D
GVDD_AB
GVDD_CD
GND
GND
OUT_D
OUT_A
PVDD_AB
PVDD_CD
VBG
DVDD
AVDD
FREQ_ADJ
OSC_IOM
OSC_IOP
3
TPA3245
www.ti.com
SLASEC7 – APRIL 2016
Product Folder Links: TPA3245
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE NAME
DESCRIPTION
TPA3251D2
175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
TAS5613A
150-W Stereo Class-D PurePath™ HD Analog Input Audio Power Amplifier
TAS5611A
125-W Stereo Class-D PurePath™ HD Analog Input Audio Power Amplifier
6 Pin Configuration and Functions
The TPA3245 is available in a thermally enhanced TSSOP package.
The package type contains a heat slug that is located on the top side of the device for convenient thermal
coupling to the heat sink.
DDV Package
HTSSOP 44-Pin
(Top View)


Número de pieza similar - TPA3245D2DDVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3245 TI-TPA3245 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Descripción similar - TPA3245D2DDVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3255 TI1-TPA3255 Datasheet
467Kb / 29P
[Old version datasheet]   600W Mono PurePath Ultra-HD Analog-Input
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com