Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MVTM36BF060M020A00 Datasheet(PDF) 6 Page - Vicor Corporation

No. de pieza MVTM36BF060M020A00
Descripción Electrónicos  High Efficiency, Sine Amplitude Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MVTM36BF060M020A00 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button MVTM36BF060M020A00 Datasheet HTML 2Page - Vicor Corporation MVTM36BF060M020A00 Datasheet HTML 3Page - Vicor Corporation MVTM36BF060M020A00 Datasheet HTML 4Page - Vicor Corporation MVTM36BF060M020A00 Datasheet HTML 5Page - Vicor Corporation MVTM36BF060M020A00 Datasheet HTML 6Page - Vicor Corporation MVTM36BF060M020A00 Datasheet HTML 7Page - Vicor Corporation MVTM36BF060M020A00 Datasheet HTML 8Page - Vicor Corporation MVTM36BF060M020A00 Datasheet HTML 9Page - Vicor Corporation MVTM36BF060M020A00 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
General Electrical Characteristics
Specifications apply over all line and load conditions, unless otherwise noted; Boldface specifications apply over the temperature range of
-55°C < TJ < 125°C (T-Grade); All other specifications are at TJ = 25ºC unless otherwise noted.
VTM® Current Multiplier
Rev 1.3
vicorpower.com
Page 6 of 31
07/2015
800 927.9474
MVTM36 Series
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
+IN to -IN
-1.0
60
VDC
PC to -IN
-0.3
20
VDC
TM to -IN
-0.3
7
VDC
VC to -IN
-0.3
20
VDC
IM to -IN
Half Chip only
0
3.15
VDC
+IN / -IN to +OUT / -OUT (hipot)
2250
VDC
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Input voltage range
VIN
No external VC applied
26
50
VDC
VC applied
0
50
VIN slew rate
dVIN/dt
1
V/µs
Output voltage ripple
VOUT_PP
COUT = 0 F, IOUT = Full Load, VIN = 48 V, 20 MHz BW
5
% VOUT
Protection
Overvoltage lockout
VIN_OVLO+
Module latched shutdown
52.0
56.0
58.5
V
Overvoltage lockout
response time constant
tOVLO
Effective internal RC filter
8
µs
Output overcurent trip
IOCP
120
% IOUT_AVG
Short circuit protection trip current
ISCP
150
% IOUT_AVG
Output overcurrent
response time constant
tOCP
Effective internal RC filter (Integrative)
3.8
ms
Short cicuit protection response time
tSCP
From detection to cessation of switching
(Instantaneous)
1
µs
Thermal shutdown setpoint
TJ_OTP
125
130
135
°C
Reverse inrush current protection
Reverse Inrush protection disabled for this product


Número de pieza similar - MVTM36BF060M020A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF045M027A00 VICOR-MVTM36BF045M027A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF072M017A00 VICOR-MVTM36BF072M017A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
More results

Descripción similar - MVTM36BF060M020A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com