Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MVTM36BF180M007A00 Datasheet(PDF) 3 Page - Vicor Corporation

No. de pieza MVTM36BF180M007A00
Descripción Electrónicos  High Efficiency, Sine Amplitude Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MVTM36BF180M007A00 Datasheet(HTML) 3 Page - Vicor Corporation

  MVTM36BF180M007A00 Datasheet HTML 1Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 2Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 3Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 4Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 5Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 6Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 7Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 8Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
VTM® Current Multiplier
Rev 1.3
vicorpower.com
Page 3 of 31
07/2015
800 927.9474
MVTM36 Series
1
2
3
4
A
B
C
D
E
A’
B’
C’
D’
TM
VC
+IN
-IN
+OUT
-OUT
TOP VIEW
Full VIC SMD
+OUT
-OUT
PC
Pin Configuration (Full)
Pin Number
Signal Name
Type
Function
A1, A2
+IN
INPUT POWER
Positive Input Power Terminal
B1, B2
TM
OUTPUT
Provides voltage proportional to internal VTM controller temperature. “Power Good” flag.
C1, C2
VC
INPUT
Connect to 12 V source to power internal VTM control circuits.
D1, D2
PC
BIDIR
Enables power supply when allowed to float high. 5 V during normal operation.
E1, E2
-IN
INPUT POWER
RETURN
Negative Input Power Terminal
A’3, A’4, C’3, C’4
+OUT
OUTPUT POWER Positive Output Power Terminal
B’3, B’4, D’3, D’4
-OUT
OUTPUT POWER
RETURN
Positive Output Power Terminal
Pin Description (Full)


Número de pieza similar - MVTM36BF180M007A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
MVTM36BF120M010A00 VICOR-MVTM36BF120M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
More results

Descripción similar - MVTM36BF180M007A00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com