Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148 Datasheet(PDF) 4 Page - Nanjing International Group Co

No. de pieza 1N4148
Descripción Electrónicos  Silicon Epitaxial Planar Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DGNJDZ [Nanjing International Group Co]
Página de inicio  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

1N4148 Datasheet(HTML) 4 Page - Nanjing International Group Co

  1N4148 Datasheet HTML 1Page - Nanjing International Group Co 1N4148 Datasheet HTML 2Page - Nanjing International Group Co 1N4148 Datasheet HTML 3Page - Nanjing International Group Co 1N4148 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1N4148
1N 4148
VR=20V
Tj
10
Admissible repetitive peak forward current
versus pulse duration
Valid provided that leads at a distance of 8 mm from case
are kept at ambient temperature
v=0
0.2
0.1
1
4
5
2
0.1
3
10 -5
2
0.5
5
3
4
2
4
5
10
2
3
IFRM
5
10 -4
25
0
100
A
5
2
10
5
2
1
10 2
100
Leakage current
versus junction temperature
nA
5
4
3
2
5
2
IR
10
10
T=1/fp
v=tp/T
I
5
tp
-3
2
10
5
-2
10
25
-1
2
tp
10 s
1
25
T
IFRM
t
o
200 C
1N 4148


Número de pieza similar - 1N4148

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
239Kb / 4P
   Metalurgically Bonded Construction Low Current Leakage High Reliability
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Dc Components
1N4148 DCCOM-1N4148 Datasheet
180Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
More results

Descripción similar - 1N4148

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com