Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC128S085CISQ Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza DAC128S085CISQ
Descripción Electrónicos  12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC128S085CISQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC128S085CISQ Datasheet HTML 4Page - Texas Instruments DAC128S085CISQ Datasheet HTML 5Page - Texas Instruments DAC128S085CISQ Datasheet HTML 6Page - Texas Instruments DAC128S085CISQ Datasheet HTML 7Page - Texas Instruments DAC128S085CISQ Datasheet HTML 8Page - Texas Instruments DAC128S085CISQ Datasheet HTML 9Page - Texas Instruments DAC128S085CISQ Datasheet HTML 10Page - Texas Instruments DAC128S085CISQ Datasheet HTML 11Page - Texas Instruments DAC128S085CISQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
DAC128S085
SNAS407H – AUGUST 2007 – REVISED APRIL 2015
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.5 V, VREF1 = VREF2 = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input
code range 48 to 4047. All limits are at TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
POWER REQUIREMENTS
Supply Voltage Minimum
TMIN ≤ TA ≤ TMAX
2.7
V
VA
Supply Voltage Maximum
TMIN ≤ TA ≤ TMAX
5.5
V
VA = 2.7 V to
460
3.6 V
µA
TMIN ≤ TA
560
Normal Supply Current for
fSCLK = 30 MHz,
TMAX
supply pin VA
output unloaded
VA = 4.5 V to
650
5.5 V
µA
830
IN
VA = 2.7 V to
95
3.6 V
µA
TMIN ≤ TA
130
Normal Supply Current for
fSCLK = 30 MHz,
TMAX
VREF1 or VREF2
output unloaded
VA = 4.5 V to
160
5.5 V
µA
220
VA = 2.7 V to
370
µA
3.6 V
Static Supply Current for
fSCLK = 0,
supply pin VA
output unloaded
VA = 4.5 V to
440
µA
5.5 V
IST
VA = 2.7 V to
95
µA
3.6 V
Static Supply Current for
fSCLK = 0,
VREF1 or VREF2
output unloaded
VA = 4.5 V to
160
µA
5.5 V
VA = 2.7 V to
0.2
3.6 V
µA
fSCLK = 30 MHz,
1.5
SYNC = VA and
VA = 4.5 V to
DIN = 0V after PD
0.5
5.5 V
mode loaded
µA
TMIN ≤ TA
3
TMAX
Total Power Down Supply
IPD
Current for all PD Modes
VA = 2.7 V to
0.1
(2)
3.6 V
µA
TMIN ≤ TA
fSCLK = 0, SYNC =
1
TMAX
VA and DIN = 0V
after PD mode
VA = 4.5 V to
0.2
loaded
5.5 V
µA
TMIN ≤ TA
2
TMAX
VA = 2.7 V to
1.95
3.6 V
mW
TMIN ≤ TA
3
TMAX
fSCLK = 30 MHz
output unloaded
VA = 4.5 V to
4.85
5.5 V
Total Power Consumption
PN
mW
(output unloaded)
TMIN ≤ TA
7
TMAX
VA = 2.7 V to
1.68
mW
3.6 V
fSCLK = 0
output unloaded
VA = 4.5 V to
3.80
mW
5.5 V
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: DAC128S085


Número de pieza similar - DAC128S085CISQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC128S085CISQ NSC-DAC128S085CISQ Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC128S085CISQX NSC-DAC128S085CISQX Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results

Descripción similar - DAC128S085CISQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
   10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
[Old version datasheet]   DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 TI1-DAC088S085_16 Datasheet
1Mb / 41P
[Old version datasheet]   DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com