Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5675AHFG Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza DAC5675AHFG
Descripción Electrónicos  Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675AHFG Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5675AHFG Datasheet HTML 2Page - Texas Instruments DAC5675AHFG Datasheet HTML 3Page - Texas Instruments DAC5675AHFG Datasheet HTML 4Page - Texas Instruments DAC5675AHFG Datasheet HTML 5Page - Texas Instruments DAC5675AHFG Datasheet HTML 6Page - Texas Instruments DAC5675AHFG Datasheet HTML 7Page - Texas Instruments DAC5675AHFG Datasheet HTML 8Page - Texas Instruments DAC5675AHFG Datasheet HTML 9Page - Texas Instruments DAC5675AHFG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
DAC5675A-SP
SGLS387G – JULY 2007 – REVISED MARCH 2015
www.ti.com
7.5 DC Electrical Characteristics (Unchanged After 100 kRad)
over operating junction temperature range, typical values at 25°C, AVDD = 3.3 V, DVDD = 3.3 V, IO(FS) = 20 mA (unless
otherwise noted)
5962-0720401
5962-0720402
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
14
14
bit
DC ACCURACY(1)
INL
Integral
TMIN to TMAX
–4
±1.5
4.6
–4
±1.5
4.6
LSB
nonlinearity
DNL
Differential
T25°C to TMAX
–2
±0.6
2.2
–2
±0.6
2.2
LSB
nonlinearity
TMIN
–2
±0.6
2.5
–2
±0.6
2.5
Monotonicity
Monotonic 12b Level
Monotonic 12b Level
ANALOG OUTPUT
IO(FS)
Full-scale
2
20
2
20
mA
output current
Output
AVDD = 3.15 to 3.45 V,
compliance
IO(FS) = 20 mA
AVDD – 1
AVDD + 0.3
AVDD – 1
AVDD + 0.3
V
range
Offset error
0.01
0.01
%FSR
Without internal reference
–10
5
10
–10
5
10
Gain error
%FSR
With internal reference
–10
2.5
10
–10
2.5
10
Output
300
300
k
resistance
Output
5
5
pF
capacitance
REFERENCE OUTPUT
V(EXTIO)
Reference
1.17
1.23
1.30
1.17
1.23
1.30
V
voltage
Reference
output
100
100
nA
current(2)
REFERENCE INPUT
V(EXTIO)
Input
reference
0.6
1.2
1.25
0.6
1.2
1.25
V
voltage
Input
1
1
M
resistance
Small-signal
1.4
1.4
MHz
bandwidth
Input
100
100
pF
capacitance
TEMPERATURE COEFFICIENTS
Offset drift
ppm of
12
12
FSR/°C
ΔV(EXTIO) Reference
±50
±50
ppm/°C
voltage drift
POWER SUPPLY
Analog supply
AVDD
3.15
3.3
3.6
3.15
3.3
3.6
V
voltage
Digital supply
DVDD
3.15
3.3
3.6
3.15
3.3
3.6
V
voltage
Analog supply
I(AVDD)
115
148
115
138
mA
current(3)
(1)
Measured differential at IOUT1 and IOUT2: 25 Ω to AVDD
(2)
Use an external buffer amplifier with high impedance input to drive any external load.
(3)
Measured at ƒCLK = 400 MSPS and ƒOUT = 70 MHz
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: DAC5675A-SP


Número de pieza similar - DAC5675AHFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675AIPHP TI1-DAC5675AIPHP Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675AIPHPG4 TI1-DAC5675AIPHPG4 Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675AIPHPR TI1-DAC5675AIPHPR Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
More results

Descripción similar - DAC5675AHFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com