Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5675AHFG Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza DAC5675AHFG
Descripción Electrónicos  Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675AHFG Datasheet(HTML) 1 Page - Texas Instruments

  DAC5675AHFG Datasheet HTML 1Page - Texas Instruments DAC5675AHFG Datasheet HTML 2Page - Texas Instruments DAC5675AHFG Datasheet HTML 3Page - Texas Instruments DAC5675AHFG Datasheet HTML 4Page - Texas Instruments DAC5675AHFG Datasheet HTML 5Page - Texas Instruments DAC5675AHFG Datasheet HTML 6Page - Texas Instruments DAC5675AHFG Datasheet HTML 7Page - Texas Instruments DAC5675AHFG Datasheet HTML 8Page - Texas Instruments DAC5675AHFG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Bandgap
Reference
1.2V
Control Amp
Current
Source
Array
Output
Current
Switches
DAC
Latch
+
Drivers
Decoder
Input
Latches
LVDS
Input
Interface
Clock Distribution
SLEEP
EXTIO
BIASJ
D[13:0]A
D[13:0]B
CLK
CLKC
AV
DD(4x)
AGND(4x)
DV
DD(2x)
DGND(2x)
14
14
DAC5675A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DAC5675A-SP
SGLS387G – JULY 2007 – REVISED MARCH 2015
DAC5675A-SP Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
1 Features
3 Description
The DAC5675A-SP is a radiation-tolerant, 14-bit
1
QMLV (QML Class V) MIL-PRF-38535 Qualified,
resolution
high-speed
digital-to-analog
converter
SMD 5962-07204
(DAC) primarily suited for space satellite applications.
5962-0720401VXC – Qualified over the
The DAC5675A-SP is designed for high-speed digital
Military Temperature Range (–55°C to 125°C)
data
transmission
in
wired
and
wireless
communication systems, high-frequency direct digital
5962-0720402VXC – Qualified over Reduced
synthesis (DDS), and waveform reconstruction in test
Temperature Range (–55°C to 115°C) for
and measurement applications. The DAC5675A-SP
Improved Dynamic Performance
has excellent SFDR at high intermediate frequencies,
High-Performance 52-Pin Ceramic Quad Flat
which
makes
it
well
suited
for
multicarrier
Pack (HFG)
transmission in TDMA and CDMA based cellular base
400-MSPS Update Rate
transceiver stations (BTSs).
LVDS-Compatible Input Interface
The DAC5675A-SP operates from a single supply
Spurious-Free Dynamic Range (SFDR) to Nyquist
voltage of 3.3 V. Power dissipation is 660 mW at
ƒCLK = 400 MSPS, ƒOUT = 70 MHz. The DAC5675A-
69 dBc at 70 MHz IF, 400 MSPS
SP provides a nominal full-scale differential current
W-CDMA Adjacent Channel Power Ratio (ACPR)
output of 20 mA, supporting both single-ended and
73 dBc at 30.72 MHz IF, 122.88 MSPS
differential applications. The output current can be
directly fed to the load with no additional external
71 dBc at 61.44 MHz IF, 245.76 MSPS
output buffer required. The output is referred to the
Differential Scalable Current Outputs: 2 to 20 mA
analog supply voltage AVDD.
On-Chip 1.2-V Reference
The DAC5675A-SP includes a low-voltage differential
Single 3.3-V Supply Operation
signaling (LVDS) interface for high-speed digital data
Power Dissipation: 660 mW at ƒCLK = 400 MSPS,
input. LVDS features a low differential voltage swing
ƒOUT = 20 MHz
with a low constant power consumption across
frequency, allowing for high-speed data transmission
with
low
noise
levels
(low
electromagnetic
2 Applications
interference (EMI)).
Radiation Hardened Digital to Analog (DAC)
Applications
Device Information(1)
Space Satellite RF Data Transmission
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Cellular Base Transceiver Station Transmit
DAC5675A-SP
HFG (52 CQFP)
19.05 mm × 19.05 mm
Channel:
(1) For all available packages, see the orderable addendum at
CDMA: WCDMA, CDMA2000, IS-95
the end of the data sheet.
TDMA: GSM, IS-136, EDGE/GPRS
Simplified Schematic
Supports Single-Carrier and Multicarrier
Applications
Engineering Evaluation (/EM) Samples are
Available (1)
(1)
These units are intended for engineering evaluation only.
They are processed to a non-compliant flow (for example, no
burn-in) and are tested to temperature rating of 25°C only.
These units are not suitable for qualification, production,
radiation testing or flight use. Parts are not warranted for
performance on full MIL specified temperature range of –55°C
to 125°C or operating life.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - DAC5675AHFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675AIPHP TI1-DAC5675AIPHP Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675AIPHPG4 TI1-DAC5675AIPHPG4 Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675AIPHPR TI1-DAC5675AIPHPR Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
More results

Descripción similar - DAC5675AHFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com