Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD4051BM Datasheet(PDF) 8 Page - National Semiconductor (TI) |
|
|
CD4051BM Datasheet(HTML) 8 Page - National Semiconductor (TI) |
8 / 10 page Special Considerations In certain applications the external load-resistor current may include both VDD and signal-line components To avoid drawing VDD current when switch current flows into INOUT pin the voltage drop across the bidirectional switch must not exceed 06V at TAs 25 C or 04V at TAl25 C (calcu- lated from RON values shown) No VDD current will flow through RL if the switch current flows into OUTIN pin Typical Performance Characteristics ‘‘ON’’ Resistance vs Signal Voltage for TAe25 C ‘‘ON’’ Resistance as a Function of Temperature for VDDbVEEe10V ‘‘ON’’ Resistance as a Function of Temperature for VDDbVEEe15V ‘‘ON’’ Resistance as a Function of Temperature for VDDbVEEe5V TLF5662 – 5 8 |
Número de pieza similar - CD4051BM |
|
Descripción similar - CD4051BM |