Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U042-050 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

No. de pieza U042-050
Descripción Electrónicos  USB 2.0 Hi-Speed A/B Active Repeater Cable (M/M), 50 ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U042-050 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U042-050 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U042-050 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Provides up to 150mA of power to connected device
Meets or exceeds USB 2.0 specifications
Backward compatible with previous USB generations
Broad Compatibility
Plug and play with no power supply, drivers or software needed
Compatible with all major operating systems
Hot-swap devices without powering down computer
Superior Construction for Superior Performance
Premium foil and braid shielding protects devices from EMI/RFI interference
Molded nickel-plated connectors with gold-plated copper contacts ensure excellent conductivity
Integral strain relief ensures cable and connectors last a long time
Specifications
INPUT
Cable Length (ft.)
50
Cable Length (m)
15.24
PHYSICAL
Color
Silver
CONNECTIONS
Connector A
USB A (MALE)
Connector B
USB B (MALE)
Number of Connectors
2
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Número de pieza similar - U042-050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
U042-025 TRIPPLITE-U042-025 Datasheet
175Kb / 2P
   USB 2.0 A/B Active Repeater Cable (M/M), 25-ft.
U042-030 TRIPPLITE-U042-030 Datasheet
167Kb / 3P
   USB 2.0 A/B Active Repeater Cable (M/M), 30 ft.
U042-036 TRIPPLITE-U042-036 Datasheet
176Kb / 2P
   USB 2.0 A/B Active Repeater Cable (M/M), 36-ft.
More results

Descripción similar - U042-050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
U042036 TRIPPLITE-U042036 Datasheet
516Kb / 2P
   USB 2.0 Hi-Speed A-B Active Repeater Cable (M-M),36-ft
U042025 TRIPPLITE-U042025 Datasheet
514Kb / 2P
   USB 2.0 Hi-Speed A-B Active Repeater Cable (M-M), 25-ft
U042-030 TRIPPLITE-U042-030 Datasheet
167Kb / 3P
   USB 2.0 A/B Active Repeater Cable (M/M), 30 ft.
U042-036 TRIPPLITE-U042-036 Datasheet
176Kb / 2P
   USB 2.0 A/B Active Repeater Cable (M/M), 36-ft.
U042-025 TRIPPLITE-U042-025 Datasheet
175Kb / 2P
   USB 2.0 A/B Active Repeater Cable (M/M), 25-ft.
U022-010-R TRIPPLITE-U022-010-R Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
U022010R TRIPPLITE-U022010R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
U022006 TRIPPLITE-U022006 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022006R TRIPPLITE-U022006R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022-006 TRIPPLITE-U022-006 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 6-ft.
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com