Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

9328 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza 9328
Descripción Electrónicos  300V Power-Limited Tray Cables ??Overview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

9328 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 9328 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9328 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9328 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9328 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9328 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9328 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9328 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9328 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9328 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.49
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs
Lbs.
kg
Inch
mm
16 AWG Pairs Stranded (19x29) Tinned Copper Conductors • Twisted Pairs
Unshielded • PVC Insulation • Chrome PVC Jacket
9410
1
E2
U-500
U-152.4
18.5
8.4
.037
.94
.254
6.45
78
347
2.50
63.50
U-1000
U-304.8
36.0
16.3
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9316
1
E2
U-500
U-152.4
21.5
9.8
.037
.94
.256
6.50
90
400
2.50
63.50
U-1000
U-304.8
41.0
18.6
16 AWG Pairs Stranded (7x24) Bare Copper Conductors • Twisted Pairs
Unshielded • PVC Insulation • Black PVC Jacket (See chart below for other insulation and jacket options)
1035A
1
E1
1000
304.8
40.0
18.1
.037
.94
.254
6.45
71
318
2.50
63.50
10000
3048.0
400.0
181.4
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options)
1030A
1
E1
1000
304.8
46.0
20.9
.037
.94
.257
6.53
94
418
2.50
63.50
10000
3048.0
480.0
217.7
3043A
2
E1
Bulk ††
Bulk
.053
1.35
.437
11.10
83
369
4.50
114.30
1528A
3
E1
7500
2286.0
967.5
438.9
.053
1.35
.457
11.61
250
1112
4.75
120.65
1484A
4
E1
7500
2286.0
1200.0
544.8
.053
1.35
.495
12.57
330
1468
5.00
127.00
1485A
8
E1
7500
2286.0
2010.0
911.7
.053
1.35
.597
15.16
616
2740
6.00
152.40
1486A
12
E1
5000
1524.0
1965.0
892.1
.064
1.63
.741
18.80
892
3968
7.50
190.50
3050A
16
E1
Bulk ††
Bulk
.064
1.63
.831
21.10
661
2940
8.50
215.90
1489A
24
E1
1250
381.0
923.8
419.4
.074
1.88
1.032
26.20
1749
7780
10.50
266.70
1490A
36
E1
1250
381.0
1313.8
596.4
.074
1.88
1.178
29.80
2606
11592
11.75
298.45
3056A
50
E1
Bulk ††
Bulk
.088
2.24
1.550
39.37
3615
16082
15.50
393.70
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (Options below)
1492A
2
E1
7500
2286.0
885.0
401.8
.053
1.35
.450
11.43
232
1032
4.50
114.30
1493A
4
E1
7500
2286.0
1387.5
629.4
.055
1.40
.512
13.11
420
1868
5.00
127.00
1494A
8
E1
5000
1524.0
1640.0
743.9
.066
1.68
.687
17.50
795
3537
7.00
177.80
1495A
12
E1
2500
762.0
1202.5
545.5
.066
1.68
.822
20.73
1170
5205
8.25
209.55
3051A
16
E1
Bulk ††
Bulk
.074
1.88
.936
23.77
661
2940
10.00
254.00
1498A
24
E1
5000
1524.0
4340.0
1968.6
.074
1.88
1.149
29.18
2296
10214
11.50
292.10
1499A
36
E1
Bulk ††
Bulk
.084
2.13
1.334
33.88
3167
14088
13.50
342.90
3057A
50
E1
Bulk ††
Bulk
.088
2.24
1.600
40.64
2066
9190
16.00
406.40
E1, E2 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
Rip Cord
Communication Wire
Rip Cord
Rip Cord
Rip Cord
Rip Cord
Communication Wire
Drain Wires
Drain Wire
Drain Wire
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC/PVC
CD
XLPE/PVC
KL
TPE/TPE
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:


Número de pieza similar - 9328

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
9328 NSC-9328 Datasheet
126Kb / 6P
   Dual 8-Bit Shift Register
logo
Belden Inc.
9328 BELDEN-9328 Datasheet
155Kb / 2P
   High Perform Instr, 2 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
logo
Keystone Electronics Co...
9328 KEYSTONE-9328 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9328-0601000 BELDEN-9328-0601000 Datasheet
155Kb / 2P
   High Perform Instr, 2 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
9328-060500 BELDEN-9328-060500 Datasheet
155Kb / 2P
   High Perform Instr, 2 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
More results

Descripción similar - 9328

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
9554 BELDEN-9554 Datasheet
112Kb / 3P
   9554 Multi-Conductor - 300V Power-Limited Tray Cable
logo
SAB North America
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
   Tray & VFD Cables
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
   Tray & VFD Cables
DC3332201TP SAB-DC3332201TP Datasheet
296Kb / 1P
   Tray & VFD Cables
XLPE SAB-XLPE Datasheet
207Kb / 1P
   Tray & VFD Cables
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com