Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV3229-EVALZ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADV3229-EVALZ
Descripción Electrónicos  750 MHz, 8 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV3229-EVALZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV3229-EVALZ Datasheet HTML 7Page - Analog Devices ADV3229-EVALZ Datasheet HTML 8Page - Analog Devices ADV3229-EVALZ Datasheet HTML 9Page - Analog Devices ADV3229-EVALZ Datasheet HTML 10Page - Analog Devices ADV3229-EVALZ Datasheet HTML 11Page - Analog Devices ADV3229-EVALZ Datasheet HTML 12Page - Analog Devices ADV3229-EVALZ Datasheet HTML 13Page - Analog Devices ADV3229-EVALZ Datasheet HTML 14Page - Analog Devices ADV3229-EVALZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADV3228/ADV3229
Rev. A | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 200mV p-p
OUTPUT SIGNAL, UNICAST
OUTPUT SIGNAL, BROADCAST
Figure 7. ADV3228 Small Signal Frequency Response
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 2V p-p
OUTPUT SIGNAL, UNICAST
OUTPUT SIGNAL, BROADCAST
Figure 8. ADV3228 Large Signal Frequency Response
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 200mV p-p
10.4pF
2.2pF
5.2pF
1.2pF
0pF
Figure 9. ADV3228 Small Signal Frequency Response with Capacitive Loads
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 200mV p-p
OUTPUT SIGNAL, UNICAST
OUTPUT SIGNAL, BROADCAST
Figure 10. ADV3229 Small Signal Frequency Response
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 2V p-p
OUTPUT SIGNAL, UNICAST
OUTPUT SIGNAL, BROADCAST
Figure 11. ADV3229 Large Signal Frequency Response
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 200mV p-p
10.4pF
2.2pF
5.2pF
1.2pF
0pF
Figure 12. ADV3229 Small Signal Frequency Response, RL = 150 Ω


Número de pieza similar - ADV3229-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Descripción similar - ADV3229-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com