Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7091R-2BCPZ-RL7 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7091R-2BCPZ-RL7
Descripción Electrónicos  2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7091R-2BCPZ-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7091R-2BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7091R-2BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7091R-2BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7091R-2BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7091R-2BCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD7091R-2BCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD7091R-2BCPZ-RL7 Datasheet HTML 13Page - Analog Devices AD7091R-2BCPZ-RL7 Datasheet HTML 14Page - Analog Devices AD7091R-2BCPZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Data Sheet
AD7091R-2/AD7091R-4/AD7091R-8
Rev. C | Page 11 of 42
Figure 9. 8-Channel, 24-Lead TSSOP Pin Configuration
Figure 10. 8-Channel, 24-Lead LFCSP Pin Configuration
Table 7. 8-Channel, 24-Lead LFCSP and 24-Lead TSSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP
1
23
CS
Chip Select Input. When CS is held low, the serial bus enables, and CS frames the output data
on the SPI.
2
24
RESET
Reset. Logic input.
3
1
VDD
Power Supply Input. The VDD range is from 2.7 V to 5.25 V. Decouple this supply pin to GND.
4
2
REGCAP
Decoupling Capacitor Pin for Voltage Output from Internal Regulator. Decouple this output pin
separately to GND using a 1.0 μF capacitor.
5
3
REFIN/REFOUT
Voltage Reference Output, 2.5 V. Decouple this pin to GND. Typical recommended decoupling
capacitor value is 2.2 μF. The user can either access the internal 2.5 V reference or overdrive the
internal reference with the voltage applied to this pin. The reference voltage range for an
externally applied reference is 1.0 V to VDD.
6, 19
4, 17
GND
Chip Ground Pins. These pins are the ground reference point for all circuitry on the AD7091R-8.
7
5
MUXOUT
Multiplexer Output. The output of the multiplexer appears at this pin. If no external filtering or
buffering is required, tie this pin directly to the ADCIN pin; otherwise, tie the output of the
conditioning network to the ADCIN pin.
8
6
VIN0
Analog Input 0. Single-ended analog input. The analog input range is 0 V to VREF.
9
7
VIN2
Analog Input 2. Single-ended analog input. The analog input range is 0 V to VREF.
10
8
ALERT/BUSY/GPO0
Alert Output Pin (ALERT). This is a multifunction pin determined by the configuration register.
When functioning as ALERT, this pin is a logic output indicating that a conversion result has
fallen outside the limit of the register settings.
When the ALERT/BUSY/GPO0 pin is configured as a BUSY output, use this pin to indicate when a
conversion is taking place.
The pin can also function as a general-purpose digital output.
11
9
VIN4
Analog Input 4. Single-ended analog input. The analog input range is 0 V to VREF.
12
10
VIN6
Analog Input 6. Single-ended analog input. The analog input range is 0 V to VREF.
13
11
VIN7
Analog Input 7. Single-ended analog input. The analog input range is 0 V to VREF.
14
12
VIN5
Analog Input 5. Single-ended analog input. The analog input range is 0 V to VREF.
15
13
GPO1
General-Purpose Digital Output.
16
14
VIN3
Analog Input 3. Single-ended analog input. The analog input range is 0 V to VREF.
17
15
VIN1
Analog Input 1. Single-ended analog input. The analog input range is 0 V to VREF.
18
16
ADCIN
ADC Input. This pin allows access to the on-chip track-and-hold. If no external filtering or
buffering is required, tie this pin directly to the MUXOUT pin; otherwise, tie the input of the
conditioning network to the MUXOUT pin.
1
2
3
4
5
6
7
8
9
10
12
11
RESET
VDD
REGCAP
MUXOUT
GND
CS
VIN0
VIN2
VIN6
VIN4
ALERT/BUSY/GPO0
20
21
22
23
24
19
18
17
16
15
14
13
CONVST
SCLK
SDO
ADCIN
GND
SDI
VIN1
VIN3
VIN7
VIN5
GPO1
VDRIVE
AD7091R-8
TOP VIEW
(Not to Scale)
REFIN/REFOUT
2
1
3
4
5
6
18
17
16
15
14
13
AD7091R-8
TOP VIEW
(Not to Scale)
VDD
REGCAP
MUXOUT
GND
VIN0
REFIN/REFOUT
ADCIN
GND
SDI
VIN1
VIN3
GPO1
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED
INTERNALLY. IT IS RECOMMENDED THAT
THE PAD BE SOLDERED TO GND.


Número de pieza similar - AD7091R-2BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
AD7091R-2BRUZ-RL7 ETC2-AD7091R-2BRUZ-RL7 Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
More results

Descripción similar - AD7091R-2BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com