Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7091R-5BRUZ Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD7091R-5BRUZ
Descripción Electrónicos  4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7091R-5BRUZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7091R-5BRUZ Datasheet HTML 5Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 6Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 7Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 8Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 9Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 10Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 11Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 12Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet
AD7091R-5
Rev. 0 | Page 9 of 34
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
CODE
VDD = 3.0V
VREF = 2.5V
fSCL = 400kHz
TA = 25°C
POSITIVE INL = +0.43 LSB
NEGATIVE INL = –0.66 LSB
0
512
1024
1536
2048
2560
3072
3584
4095
Figure 5. Integral Nonlinearity vs. Code
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
REFERENCE INPUT VOLTAGE (V)
MIN INL (LSB)
MAX INL (LSB)
VDD = 5.25V
VREF = EXTERNAL
fSCL = 400kHz
TA = 25°C
Figure 6. Minimum/Maximum INL vs. External Reference Input Voltage
8000
7000
6000
5000
4000
3000
2000
1000
0
CODE
VDD = VDRIVE = 3.3V
VREF = 2.5V
8192 SAMPLES
TA = 25°C
290
7218
684
2028
2029
2030
Figure 7. Histogram of a DC Input at Code Center
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
CODE
VDD = 3.0V
VREF = 2.5V
fSCL = 400kHz
TA = 25°C
POSITIVE DNL = +0.41 LSB
NEGATIVE DNL = –0.41 LSB
0
512
1024
1536
2048
2560
3072
3584
4095
Figure 8. Differential Nonlinearity vs. Code
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
REFERENCE INPUT VOLTAGE (V)
MIN DNL (LSB)
MAX DNL (LSB)
VDD = 5.25V
VREF = EXTERNAL
fSCL = 400kHz
TA = 25°C
Figure 9. Minimum/Maximum DNL vs. External Reference Input Voltage
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
0
CODE
VDD = VDRIVE = 3.3V
VREF = 2.5V
8192 SAMPLES
TA = 25°C
2042
2043
2044
2045
27
3762
4353
50
Figure 10. Histogram of a DC Input at Code Transition


Número de pieza similar - AD7091R-5BRUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7091R-5BRUZ AD-AD7091R-5BRUZ Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091R-5BRUZ-RL7 AD-AD7091R-5BRUZ-RL7 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
More results

Descripción similar - AD7091R-5BRUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7091R-5 AD-AD7091R-5_17 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com