Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8104ABPZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD8104ABPZ
Descripción Electrónicos  600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8104ABPZ Datasheet(HTML) 4 Page - Analog Devices

  AD8104ABPZ Datasheet HTML 1Page - Analog Devices AD8104ABPZ Datasheet HTML 2Page - Analog Devices AD8104ABPZ Datasheet HTML 3Page - Analog Devices AD8104ABPZ Datasheet HTML 4Page - Analog Devices AD8104ABPZ Datasheet HTML 5Page - Analog Devices AD8104ABPZ Datasheet HTML 6Page - Analog Devices AD8104ABPZ Datasheet HTML 7Page - Analog Devices AD8104ABPZ Datasheet HTML 8Page - Analog Devices AD8104ABPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD8104/AD8105
Data Sheet
Rev. A | Page 4 of 36
AD8104/AD8105
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SWITCHING CHARACTERISTICS
Enable On Time
50% update to 1% settling
100
ns
Switching Time, 2 V Step
50% update to 1% settling
100
ns
Switching Transient (Glitch)
Differential
40
mV p-p
POWER SUPPLIES
Supply Current
VPOS, outputs enabled, no load
340
420
mA
VPOS, outputs disabled
210
240
mA
VNEG, outputs enabled, no load
340
420
mA
VNEG, outputs disabled
210
240
mA
VDD, outputs enabled, no load
1.2
mA
Supply Voltage Range
4.5 to 5.5
V
PSRR
VNEG, VPOS, f = 1 MHz
85
dB
VOCM, f = 1 MHz
75
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (still air)
−40 to +85
°C
θJA
Operating (still air)
14
°C/W
θJC
Operating (still air)
1
°C/W


Número de pieza similar - AD8104ABPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8104 AD-AD8104 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
More results

Descripción similar - AD8104ABPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117_07 Datasheet
1,021Kb / 36P
   600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3200 AD-ADV3200 Datasheet
1Mb / 36P
   300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com