Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1278-1ACPZ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADM1278-1ACPZ
Descripción Electrónicos  Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1278-1ACPZ Datasheet(HTML) 1 Page - Analog Devices

  ADM1278-1ACPZ Datasheet HTML 1Page - Analog Devices ADM1278-1ACPZ Datasheet HTML 2Page - Analog Devices ADM1278-1ACPZ Datasheet HTML 3Page - Analog Devices ADM1278-1ACPZ Datasheet HTML 4Page - Analog Devices ADM1278-1ACPZ Datasheet HTML 5Page - Analog Devices ADM1278-1ACPZ Datasheet HTML 6Page - Analog Devices ADM1278-1ACPZ Datasheet HTML 7Page - Analog Devices ADM1278-1ACPZ Datasheet HTML 8Page - Analog Devices ADM1278-1ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Hot Swap Controller and Digital Power and
Energy Monitor with PMBus Interface
Data Sheet
ADM1278
FEATURES
±0.3% accurate, 12-bit ADC for IOUT, VIN, VOUT, and temperature
320 ns response time to short circuit
Shutdown on detection of FET health fault
Constant power foldback for tighter FET SOA protection
Remote temperature sensing with programmable warning
and shutdown thresholds
Resistor-programmable 5 mV to 25 mV VSENSE current limit
Programmable start-up current limit
1% accurate UV, OV, and PWRGD thresholds
Split hot swap and power monitor inputs to allow additional
external ADC filtering
Reports power and energy consumption over time
Peak detect registers for current, voltage, and power
PROCHOT power throttling capability
PMBus fast mode compliant interface
5 mm × 5 mm, 32-lead LFCSP
APPLICATIONS
Servers
Power monitoring and control/power budgeting
Telecommunication and data communication equipment
TYPICAL APPLICATION CIRCUIT
GATE
Q1
MO+
HS+
HS–
TIMER
TIMER
ADM1278-1
MO–
RSENSE
4.5V TO 20V
VCC
VCP
VCAP
ISENSE
UV
OV
1.0V
1.0V
TEMP
VOUT
PWGIN
1.0V
VOUT
12-BIT
ADC
SCL
SDA
ADR2
ISENSE
HS+
TEMP
LDO
CHARGE
PUMP
TIMEOUT
IOUT
GPO1/ALERT1/CONV
ENABLE
GPO2/ALERT2
VCBOS
ISTART
ISET
PSET
TIMEOUT
CURRENT-
LIMIT
CONTROL
REF
SELECT
1.0V
HS–
FAULT
RETRY
PWRGD
ADR1
CSOUT
GATE
DRIVE/
LOGIC
LOGIC
AND
PMBus
ANALOG
VOUT
×50
+
+
+
+
+
GND
PGND
Figure 1.
GENERAL DESCRIPTION
The ADM1278 is a hot swap controller that allows a circuit board
to be removed from or inserted into a live backplane. It also features
current, voltage, power, and temperature readback via an integrated
12-bit analog-to-digital converter (ADC), accessed using a PMBus™
interface. The load current is measured using an internal current
sense amplifier that measures the voltage across a sense resistor
in the power path via the HS+ and HS− pins. A default current
limit of 20 mV is set, but this limit can be adjusted, if required.
The ADM1278 limits the current through the sense resistor by
controlling the gate voltage of an external N-channel FET in the
power path, via the GATE pin. The sense voltage, and therefore
the load current, is maintained below the preset maximum. The
ADM1278 protects the external FET by limiting the time that
the FET remains on while the current is at its maximum value.
This current-limit time is set by the choice of capacitor connected
to the TIMER pin. In addition, a constant power foldback scheme
is used to control the power dissipation in the MOSFET during
power-up and fault conditions. The level of this power, along
with the TIMER regulation time, can be set to ensure that the
MOSFET remains within safe operating area (SOA) limits.
In case of a short-circuit event, a fast internal overcurrent
detector responds within 320 ns and signals the gate to shut
down. A 1500 mA pull-down device ensures a fast FET response.
The ADM1278 features overvoltage (OV) and undervoltage (UV)
protection, programmed using external resistor dividers on the
UV and OV pins. A PWRGD signal can be used to detect when
the output supply is valid, using the PWGIN pin to accurately
monitor the output.
The ADM1278 is available in a 32-lead LFCSP with a RETRY pin
that can be configured for automatic retry or latch-off when an
overcurrent fault occurs.
Table 1. Model Options
Model
ADC Accuracy
SPI Interface
Enable Pin1
ADM1278-1AA
±0.3%
No
Active high
ADM1278-1A
±0.7%
No
Active high
ADM1278-1B
±1.0%
No
Active high
ADM1278-2A
±0.7%
Yes
Active high
ADM1278-3A
±0.7%
No
Active low
1
Active high relates to the ENABLE pin, and active low relates to the ENABLE pin.
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Número de pieza similar - ADM1278-1ACPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Descripción similar - ADM1278-1ACPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
   High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com